Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAP103RT Datasheet(PDF) 1 Page - E-SWITCH

Part # KAP103RT
Description  PIANO DIP SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KAP103RT Datasheet(HTML) 1 Page - E-SWITCH

  KAP103RT Datasheet HTML 1Page - E-SWITCH KAP103RT Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
SPECIFICATIONS
Switch Function:
SPST, 2 thru 12 positions (except position 11)
Contact Rating:
Switch: 25mA @ 24V DC
Carry: 100mA @ 50V DC
Insulation Resistance:
100 MΩ Min. @ 500V DC
Contact Resistance:
Initial: 50 mΩ typical @ 2-4V DC @ 100mA
After Life: 100mΩ typical @ 2-4 DC @ 100mA
Operating Life:
2,000 make-and-break cycles, each circuit
Operating Force:
1000 gf max.
Travel (Actuator):
2.0 mm typical
Dielectric Strength:
500V RMS min. @ sea level between
adjacent terminals
Temperature Range:
Operating/Storage: -40° C to 85° C
Vibration:
To MIL-STD-202F, Method 201 A
Shock:
To MIL-STD-202F, Method 213B, Condition A
Soldering
Recommendations:
Wave: 500 F (260 C) for 5s max;
Hand: 30W soldering iron @ 608 F (320 C) for 2s
typical. Keep all switches in the “OFF” position
during soldering and cleaning process.
MATERIALS
Housing and Actuator:
Glass filled polyester (PBT) UL94-V0
Contacts:
Phosphor Bronze with gold plate over nickel plate
Terminals:
Phosphor Bronze with gold plate over nickel plate
Tape:
Mylar
Switches are supplied in standard IC tubes with all poles in the “OFF” position.
PACKAGING
SERIES
CIRCUIT
TERMINATION
NO. OF
POSITIONS
P = Piano Type
1 = SPST
1 = PC Pin
SEAL
MODEL NO.
KA
HOW TO ORDER
02
03
04
05
06
07
08
09
10
12
(None) = Std.
Unsealed
T = Top Tape
Sealed
Example Ordering Number
KA_ P_ 1_ 1_ 04_R_ T
ACTUATOR
R = Recessed Act.,
Top Side OFF
E = Extended Act.,
Top Side OFF
V = Recessed Act.,
Top Side ON
W = Extended Act.,
Top Side ON
KA
FEATURES & BENEFITS
Piano style
Top side off or top side on option
Tape seal option
APPLICATIONS/MARKETS
Garage door openers
Test & instrumentation
Telecommunications
Controller application
218
Fax: 763-531-8235
Phone: 800-867-2717
SERIES KAP SWITCHES
PIANO DIP SWITCHES


Similar Part No. - KAP103RT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KAP MSYSTEM-KAP Datasheet
113Kb / 4P
Plug-in Signal Conditioners K-UNIT
KAP-01-B./Q MSYSTEM-KAP-01-B./Q Datasheet
113Kb / 4P
Plug-in Signal Conditioners K-UNIT
KAP-01-C./Q MSYSTEM-KAP-01-C./Q Datasheet
113Kb / 4P
Plug-in Signal Conditioners K-UNIT
KAP-01-D./Q MSYSTEM-KAP-01-D./Q Datasheet
113Kb / 4P
Plug-in Signal Conditioners K-UNIT
KAP-01-F./Q MSYSTEM-KAP-01-F./Q Datasheet
113Kb / 4P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KAP103RT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RP-02 DBLECTRO-RP-02 Datasheet
314Kb / 2P
PIANO TYPE DIP SWITCH
RPL-02 DBLECTRO-RPL-02 Datasheet
280Kb / 3P
Piano Type Dip Switch
logo
OEN India Limited
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
SLIDE&PIANO TYPE DIP SWITCHES
logo
Omron Electronics LLC
A6SR OMRON-A6SR Datasheet
403Kb / 4P
DIP Switch (Piano Type)
A6TR OMRON-A6TR Datasheet
334Kb / 4P
DIP Switch (Piano Type)
logo
E-SWITCH
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
PIANO DIP SWITCHES
logo
List of Unclassifed Man...
CHP-040TB ETC2-CHP-040TB Datasheet
199Kb / 6P
PIANO SWITCHES(HALF PITCH)
logo
Adam Technologies, Inc.
SW-DP-XX-SPST-V-T-P-L ADAM-TECH-SW-DP-XX-SPST-V-T-P-L Datasheet
80Kb / 1P
PIANO TYPE DIP SWITCH
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
SLIDE & PIANO TYPE DIP SWITCHES
logo
Omron Electronics LLC
A6FR OMRON-A6FR Datasheet
138Kb / 2P
Box type Through-hole Mounting Piano DIP Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com