Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LASOAV100RED Datasheet(PDF) 1 Page - E-SWITCH

Part # LASOAV100RED
Description  PUSHBUTTON SWITCHES - SEALED ILLUMINATED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LASOAV100RED Datasheet(HTML) 1 Page - E-SWITCH

  LASOAV100RED Datasheet HTML 1Page - E-SWITCH LASOAV100RED Datasheet HTML 2Page - E-SWITCH LASOAV100RED Datasheet HTML 3Page - E-SWITCH LASOAV100RED Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-switch.com
info@e-switch.com
97
Specifications subject to change without notice.
Example Ordering Number
LA_ S_ EE_ U1_ 1_0_ RED
PUSHBUTTON SWITCHES - SEALED ILLUMINATED
SPECIFICATIONS
Contact Rating:
5A @ 250 VAC
8A @ 125 VAC
2A @ 250 VDC
6A @ 24 VDC
Life Expectancy (Mechanical): ≥ 100,000 cycles
Life Expectancy (Electrical):
≥ 50,000 cycles
Contact Resistance:
100mΩ max. typical; initial @ 2-4 VDC
Insulation Resistance:
> 1,000MΩ
Dielectric Strength:
> 1,500 volts 1 minute
> 3,000 volts between poles
Actuation Force:
300g / pole
Operating Temperature:
-20°C to 55°C
Degree of Protection:
IP65
MATERIALS
Switch Housing:
Polyethermide (PEI)
Contact Housing:
Diallyl Phthalate (DAP)
Actuator Ring:
Polycarbonate (PC)
Lens:
Polycarbonate (PC)
Contacts:
Silver plated copper alloy
Terminals:
Silver plated copper alloy
HOW TO ORDER
FEATURES & BENEFITS
Modular interface/contact
block design
Robust product for industrial
applications
Attractive front panel design
Illuminated options available
APPLICATIONS/MARKETS
Industrial controls
Instrumentation
Transportation
Telecommunications
Red
Grn
Red
Grn
Yel
LAMP COLOR
(WHERE APPLICABLE)
EE = Latching
OA = Momentary
PL* =
Pilot Indicator
*For LAP
(Pilot Indicator)
MECHANICAL
CONFIGURATION
0* = Pilot Ind.
1**= SPDT
2 = DPDT
3 = 3PDT
4 = 4PDT
*For LAP
(Pilot Indicator only)
**LAK available
SPDT only
CIRCUIT
0 = None
A
B
C
F
G
H
J
K
M
N
L
D
E
LAMP TYPE
& VOLTAGE
RED = Red
GRN= Green
BLU = Blue
WHT= White
ORG= Orange
YEL = Yellow
U1 = Ø29mm
V1 = Ø25mm
U3* = Ø29mm
V3* = Ø25mm
*Flush Mount
PUSHBUTTON
HEAD
LENS
COLOR
S = Solder
Lug
K = Socket
P = Pilot
Indicator
TERMINATION
SERIES
LA
0
:
Without lamp
A
:
Incandescent
6 V
AC/DC
200 mA
B
:
Incandescent
14 V
AC/DC
80 mA
C
:
Incandescent
28 V
AC/DC
40 mA
D
:
Incandescent
48 V
AC/DC
25 mA
E
:
Incandescent
60 V
AC/DC
20 mA
F
:
Neon
110 V
AC
green/red
G
:
Neon
220 V
AC
green/red
LAMP TYPE & VOLTAGE OPTIONS
H
:
LED
6 V
DC
green/yellow/red
J
:
LED
12 V
DC
green/yellow/red
K
:
LED
24 V
DC
green/yellow/red
L
:
Incandescent
33 V
AC/DC
35 mA
N :
Incandescent
14 V
AC/DC
40 mA
M :
Incandescent
6 V
AC/DC
40 mA
LAMP TYPE & VOLTAGE OPTIONS
SERIES LA SWITCHES


Similar Part No. - LASOAV100RED

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LAS TTELEC-LAS Datasheet
348Kb / 3P
0.1 ohm to 18K ohms
logo
Nichicon corporation
LAS NICHICON-LAS Datasheet
1Mb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
Littelfuse
LAS LITTELFUSE-LAS Datasheet
159Kb / 1P
24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
logo
TT Electronics.
LAS-1 TTELEC-LAS-1 Datasheet
348Kb / 3P
0.1 ohm to 18K ohms
logo
IRC - a TT electronics ...
LAS-12001DLF IRCTT-LAS-12001DLF Datasheet
218Kb / 3P
Low Cost Semi-Precision Power Wirewound Resistor
More results

Similar Description - LASOAV100RED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
ILLUMINATED PUSHBUTTON SWITCHES
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
PUSHBUTTON SWITCHES - ILLUMINATED
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
Illuminated Pushbutton Switches
13AL COPAL-13AL Datasheet
441Kb / 2P
Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
Illuminated Pushbutton Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com