Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XO-53 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XO-53
Description  Full Size Clock Oscillators TTL Compatible
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XO-53 Datasheet(HTML) 1 Page - Vishay Siliconix

  XO-53_11 Datasheet HTML 1Page - Vishay Siliconix XO-53_11 Datasheet HTML 2Page - Vishay Siliconix XO-53_11 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 35023
For technical questions, contact: frequency@vishay.com
www.vishay.com
Revision: 08-Mar-11
21
Full Size Clock Oscillators TTL Compatible
XO-53
Vishay Dale
The XO-53 series oscillator is TTL compatible and features
fast rise/fall times with high reliability at low cost. The metal
package with pin 7 case ground acts as shielding to
minimize EMI radiation.
FEATURES
• 10 TTL output load
• Size: 14 pin full size
• Industry standard
• Wide frequency range
•Low cost
• Resistance weld package
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
Note
(1) Include: 25 °C tolerance, operating temperature range, input voltage change, aging, load change, shock and vibration
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
VALUE
Frequency range
FO
-
1.0 MHz to 100.000 MHz
Frequency stability (1)
all conditions
± 25 ppm, ± 50 ppm, ± 100 ppm
Operating temperature range
TOPR
-
0 °C to 70 °C
- 40 °C to + 85 °C (option)
Storage temperature range
TSTG
-
- 55 °C to + 125 °C
Power supply voltage
VDD
-
5.0 V ± 10 %
Aging (first year)
25 ºC ± 3 ºC
± 5 ppm
Supply current
IDD
1.0 MHz to 23.999 MHz
15 mA max.
24.000 MHz to 69.999 MHz
30 mA max.
70.000 MHz to 100.000 MHz
60 mA max.
Output symmetry
Sym
at 1.4 V
40 %/60 % (45 %/55 % option)
Rise time
tr
0.4 V to 2.4 V
5 ns max.
Fall time
tf
2.4 V to 0.4 V
5 ns max.
Output voltage
VOH
-
2.4 V min.
VOL
-0.4 V max.
Output load
TTL load
-
1 TTL to 10 TTL
Start-up time
ts
-10 ms max.
DIMENSIONS in inches [millimeters]
+ 5.0 V
0.01 µF
TTL TEST CIRCUIT
Note
(2) Includes Stray and Probe Capacitance
0.200
[5.08] max.
0.268
[6.80] max.
CONNECTION
N.C
GND
OUTPUT
V
DD
V
OH
V
OL
T
r
T
f
T1
T0 = 1/F
o
SYMMETRY =
x 100 %
T1
T0
TTL OUTPUT WAVEFORM
0.031 ± 0.003
[0.8 ± 0.1]
0.018 ± 0.003
[0.45 ± 0.1]
#1
#7
#14
#8
0.508
[12.9] max.
0.300 ± 0.005
[7.62 ± 0.13]
0.600 ± 0.005
[15.24 ± 0.13]
0.803 [20.4] max.
A
V
MARKING
AREA
PIN
#1
#7
#8
#14
2.4 V
1.4 V
0.4 V
GND
#8
#7
#14
#1
TEST POINT
15 pF
(2)
RL = 400
Ω


Similar Part No. - XO-53_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO-53A40ME2 VISHAY-XO-53A40ME2 Datasheet
118Kb / 1P
Full Size Clock Oscillators TTL Compatible
17-Jun-05
XO-53A40ME2 VISHAY-XO-53A40ME2 Datasheet
96Kb / 3P
Full Size Clock Oscillators TTL Compatible
05-Mar-07
XO-53AA40ME2 VISHAY-XO-53AA40ME2 Datasheet
118Kb / 1P
Full Size Clock Oscillators TTL Compatible
17-Jun-05
XO-53AA40ME2 VISHAY-XO-53AA40ME2 Datasheet
96Kb / 3P
Full Size Clock Oscillators TTL Compatible
05-Mar-07
XO-53AAR40ME2 VISHAY-XO-53AAR40ME2 Datasheet
118Kb / 1P
Full Size Clock Oscillators TTL Compatible
17-Jun-05
More results

Similar Description - XO-53_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO-53 VISHAY-XO-53 Datasheet
118Kb / 1P
Full Size Clock Oscillators TTL Compatible
17-Jun-05
logo
General Electric Compan...
LM1100 GEC-LM1100 Datasheet
201Kb / 1P
Full Size HCMOS/TTL Compatible Oscillators
logo
Vishay Siliconix
XO-54 VISHAY-XO-54 Datasheet
81Kb / 1P
Full Size Clock Oscillators TTL/HCMOS Compatible
10-Jun-03
XO-54 VISHAY-XO-54_07 Datasheet
188Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
05-Mar-07
XO-53 VISHAY-XO-53_07 Datasheet
96Kb / 3P
Full Size Clock Oscillators TTL Compatible
05-Mar-07
XO-543 VISHAY-XO-543 Datasheet
186Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
05-Mar-07
logo
RSG Electronic Componen...
HO-11 RSG-HO-11 Datasheet
84Kb / 1P
FULL SIZE CLOCK OSCILLATORS TTL COMPATIBLE
HO-12 RSG-HO-12 Datasheet
84Kb / 1P
FULL SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-54 VISHAY-XO-54_11 Datasheet
155Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
08-Mar-11
XO-543 VISHAY-XO-543_11 Datasheet
155Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
08-Mar-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com