Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTM Datasheet(PDF) 3 Page - Vishay Siliconix

Part # XTM
Description  Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XTM Datasheet(HTML) 3 Page - Vishay Siliconix

  XTM Datasheet HTML 1Page - Vishay Siliconix XTM Datasheet HTML 2Page - Vishay Siliconix XTM Datasheet HTML 3Page - Vishay Siliconix XTM Datasheet HTML 4Page - Vishay Siliconix XTM Datasheet HTML 5Page - Vishay Siliconix XTM Datasheet HTML 6Page - Vishay Siliconix XTM Datasheet HTML 7Page - Vishay Siliconix XTM Datasheet HTML 8Page - Vishay Siliconix XTM Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
XTH, XTK, XTL, XTM, XTV
www.vishay.com
Vishay
Revision: 25-Jul-11
3
Document Number: 42077
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
40 VDC AT + 85 °C
190
34
27
2.5
195
297
400
20
- 55
+ 20
+ 35
48
427
1.125
0.600 XTV197(1)040P0A
290
34
27
2.5
200
300
400
20
- 55
+ 20
+ 35
50
427
1.125
0.600 XTV297(1)040P0A
500
34
27
1.5
200
300
400
20
- 75
+ 20
+ 35
68
694
1.125
1.100 XTV507(1)040P0A
1000
34
27
1.5
195
297
400
20
- 75
+ 20
+ 35
82
694
1.125
1.100 XTV108(1)040P0A
50 VDC AT + 85 °C
900
44
32
1.5
195
297
400
25
- 85
+ 20
+ 35
82
694
1.125
1.100 XTV907(1)050P0A
60 VDC AT + 85 °C
12
50
40
10.0
35
52
70
180
- 30
+ 20
+ 20
14
137
0.656
0.438 XTK126(1)060P0A
25
50
40
5.0
60
90
120
90
- 30
+ 20
+ 20
15
213
0.656
0.562 XTM256(1)060P0A
40
50
40
2.7
60
90
120
65
- 35
+ 10
+ 20
26
333
0.875
0.540 XTL406(1)060P0A
70
50
40
2.7
90
135
180
40
- 35
+ 10
+ 20
32
375
0.875
0.732 XTH706(1)060P0A
80
50
40
2.7
95
142
190
35
- 35
+ 10
+ 20
32
375
0.875
0.732 XTH806(1)060P0A
130
50
40
2.5
210
315
420
30
- 50
+ 20
+ 35
48
427
1.125
0.600 XTV137(1)060P0A
200
50
40
1.5
135
182
230
30
- 50
+ 20
+ 35
50
550
1.125
0.600 XTV207(1)060P0A
350
50
40
1.5
155
210
265
25
- 70
+ 20
+ 35
68
694
1.125
1.100 XTV357(1)060P0A
700
50
40
1.5
200
275
350
15
- 70
+ 20
+ 35
82
694
1.125
1.100 XTV707(1)060P0A
750
50
40
1.5
200
275
350
29
- 70
+ 20
+ 35
82
694
1.125
1.100 XTV757(1)060P0A
90 VDC AT + 85 °C
8.0
80
60
10.0
35
52
70
250
- 30
+ 20
+ 20
14
137
0.656
0.438 XTK805(1)090P0A
16
80
60
5.0
60
90
120
125
- 30
+ 20
+ 20
15
213
0.656
0.562 XTM166(1)090P0A
25
80
60
2.7
55
82
110
90
- 35
+ 10
+ 20
26
333
0.875
0.540 XTL256(1)090P0A
50
80
60
2.7
90
135
180
45
- 35
+ 10
+ 20
32
375
0.875
0.732 XTH506(1)090P0A
84
80
60
2.5
195
287
390
40
- 40
+ 20
+ 35
48
427
1.125
0.600 XTV846(1)090P0A
120
80
60
1.5
135
182
230
40
- 40
+ 20
+ 35
50
550
1.125
0.600 XTV127(1)090P0A
220
80
60
1.5
145
202
250
30
- 60
+ 20
+ 35
68
694
1.125
1.100 XTV227(1)090P0A
450
80
60
1.5
195
215
235
25
- 60
+ 20
+ 35
82
694
1.125
1.100 XTV457(1)090P0A
180 VDC AT + 85 °C
2.0
160
120
20.0
75
112
150
850
- 30
+ 20
+ 20
21
108
0.656
0.719 XTK205(1)180P0A
4.0
160
120
20.0
35
52
70
500
- 30
+ 20
+ 20
21
117
0.656
0.719 XTK405(1)180P0A
8.0
160
120
10.0
60
90
120
250
- 30
+ 20
+ 20
23
186
0.656
0.938 XTM805(1)180P0A
12
160
120
5.6
55
82
110
180
- 35
+ 10
+ 20
44
282
0.875
0.920 XTL126(1)180P0A
25
160
120
5.3
90
135
180
90
- 35
+ 10
+ 20
56
341
0.875
1.300 XTH256(1)180P0A
42
160
120
5.0
120
162
205
75
- 40
+ 20
+ 35
74
363
1.125
0.976 XTV426(1)180P0A
60
160
120
3.0
135
182
230
60
- 40
+ 20
+ 35
78
363
1.125
0.976 XTV606(1)180P0A
110
160
120
3.0
145
202
250
60
- 60
+ 20
+ 35
114
631
1.125
1.938 XTV117(1)180P0A
230
160
120
3.0
200
275
350
50
- 60
+ 20
+ 35
142
631
1.125
1.938 XTV237(1)180P0A
STANDARD RATINGS AND DIMENSIONS
CAPACITANCE
MAX.
WORKING
VOLTAGE
TYP.
ESR
MAX. DCL AT
MAX. VDC
(μA)
MAX.
Z
- 55 °C
MAX. % CAP.
CHANGE FROM
ROOM TEMP.
APPROX.
WEIGHT
MAX.
RIPPLE
120 Hz
RMS
- 55 °C
TO
+ 175 °C
SIZE
PART
NUMBER
D
+ 0.031
- 0.015
H
+ 0.062
- 0.062
(μF)
+ 125 °C + 175 °C (
) + 85 °C + 125 °C + 175 °C () - 55 °C + 85 °C + 175 °C
(g)
(mA)
Note
• Part number definitions:
(1) Tolerance code:
T = - 15 % to + 50 % (standard for XTK, XTM, XTV)
U = -15 % to + 75 % (standard for XTH, XTL)
M = ± 20 % (available by special order)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com