Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6OA2ASRG Datasheet(PDF) 1 Page - E-SWITCH

Part # LP6OA2ASRG
Description  ILLUMINATED PUSHBUTTON
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LP6OA2ASRG Datasheet(HTML) 1 Page - E-SWITCH

  LP6OA2ASRG Datasheet HTML 1Page - E-SWITCH LP6OA2ASRG Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SERIES LP6 SWITCHES
SERIES LP6 SWITCHES
www.e-switch.com
email: info@e-switch.com
7153 NORTHLAND DRIVE NORTH
PHONE: 800-867-2717
MINNEAPOLIS, MN 55428
FAX: 763-531-8235
ILLUMINATED PUSHBUTTON
FEATURES & BENEFITS
APPLICATIONS / MARKETS
Computer Servers/peripherals
Performance Audio
Instrumentation
Telecommunications/networking
MECHANICAL SPECIFICATIONS
HOW TO ORDER:
ELECTRICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
Mechanical Life:
200,000 cycles
Force:
150 +/- 100 gf for SPST
200 +/- 100 gf for DPST
Travel:
2.20 +/- 0.2mm
Electrical Life:
200,000 cycles
Contact Rating:
12mA @ 12VDC SPST and DPST
Contact Resistance:
50m
Ω (initial max)
Insulation Resistance:
100M
Ω (Min @ 500VDC)
Dielectric Strength:
500VAC
Operating Temperature:
-20ºC to +70ºC
Storage Temperature:
-20ºC to +70ºC
LED COLOR
OPTIONS
CAP SIZE
SERIES
LP6
RR = RED-RED
RG = RED-GRN
RY = RED-YEL
RB = RED-BLU
RW = RED-WHT
YY = YEL-YEL
YG = YEL-GRN
YB = YEL-BLU
A = 15.5mm sq.
SPST
YW = YEL-WHT
GG = GRN-GRN
GB = GRN-BLU
GW = GRN-WHT
BB = BLU-BLU
BW = BLU-WHT
WW = WHT-WHT
FUNCTION STYLE
OA = Momentary
CIRCUIT
1 = SPST
2 = DPST
CAP
CONFIGURATION
S = Sculptured


Similar Part No. - LP6OA2ASRG

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LP6-EWN1-03-N3 CREE-LP6-EWN1-03-N3 Datasheet
406Kb / 6P
SMD LED
LP6-PBL1-03-N1 CREE-LP6-PBL1-03-N1 Datasheet
342Kb / 5P
SMD LED
LP6-PPG1-03-N1 CREE-LP6-PPG1-03-N1 Datasheet
331Kb / 5P
SMD LED
LP6-PPP1-01-N1 CREE-LP6-PPP1-01-N1 Datasheet
427Kb / 7P
SMD LED
LP6-PPP2-01-N1 CREE-LP6-PPP2-01-N1 Datasheet
414Kb / 7P
SMD LED
More results

Similar Description - LP6OA2ASRG

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
ILLUMINATED PUSHBUTTON
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST03 SCHNEIDER-XB4BWCUST03 Datasheet
163Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AKCUST02 SCHNEIDER-XB5AKCUST02 Datasheet
118Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST06 SCHNEIDER-XB5AWCUST06 Datasheet
155Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
Illuminated Pushbutton
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com