Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC Datasheet(PDF) 1 Page - E-SWITCH

Part # RSC
Description  RSC Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RSC Datasheet(HTML) 1 Page - E-SWITCH

  RSC Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RSC341D1123
RSC241D2200
RSC141D1021-116
RSC Series
FEATURES:
• Excellent Quality and Reliability
• 4 Bodies to Cover Many Popular Cutouts
• High Current Capacity
• Illuminated and Bi-Color Actuators
SPECIFICATIONS:
RATING: RATING OPTION D:
20A 125VAC [UL, CSA]
16A 250VAC [UL, CSA]
1/4HP 125VAC [UL]
3/4HP 250VAC [UL]
16(4)A 250V~ 1E4 T125 [European]
20(8)A 250V~ 1E4 T125 [European]
10(2)A 250V~ 5E4 T125 [European]
RATING OPTION C:
15A 125VAC [UL, CSA]
10(4)A 250V~ 1E4 T85 [European]
TEMPERATURE: -20°C to 65°C [UL, CSA]
-20°C to 105°C [UL, CSA]
-20°C to 125°C [European]
ELECTRICAL LIFE: 10,000 Cycles
CONTACT RESISTANCE: 20m
 Max. at 1A 5VDC
INSULATION RESISTANCE: 100M
 Min. at 500VDC
DIELECTRIC STRENGTH: 1,000VAC for 1 Minute
MATERIALS:
BODY: Polyamide 6/6, UL94 V-2
ACTUATOR: Polyamide 6/6, UL94 V-2
Polycarbonate, UL94 V-2
CONTACTS: Silver
TERMINALS: Silver Plated Copper
RSC141D1A24
RSC241D125Z11
EXAMPLE PART NUMBERS:
RSC141D1000-126
1P Off-On
Black Body, Amber Illum. Actuator, 125V
RSC141D1100
1P Off-On
Black Body/Actuator, No Marking
RSC141D1121
1P Off-On
Black Body/Actuator, I/O Vert.
RSC141D2200
1P Off-On
White Body/Actuator, No Marking
Body
Actuator
Marking Marking
Lens
Lens
Lamp
Series
Terminal
Function
Rating
Color
Color
Color
Type
Style
Color
Voltage
Curved Actuators:
1 - 4.8mm Tab
1 - Off-On (*) C - 15A 125V 1 - Black
0 - Full Illum. 0 - None
0 - None
1 - Full
0 - Clear
3 - 6V
RSC1 - 28.6 x 13.9 Cutout
4 - 6.3mm Tab
3 - On-On
D - 20A 125V 2 - White
1 - Black
1 - Black
1 - I/O Vert.
1 - Red
4 - 12V
RSC2 - 27.2 x 12.1 Cutout
(Small Hole) 4 - Off-(On)
3 - Almond 2 - White
2 - White
2 - ON/OFF/ON Vert.
2 - Amber
5 - 24V
RSC3 - 27.2 x 13.9 Cutout
5 - Solder
5 - On-Off-On
4 - Grey
3 - Almond
8 - Red
3 - ON/OFF Vert.
3 - Green
6 - 125V
RSC4 - 28.6 x 12.1 Cutout
9 - 6.3mm Tab
A - On-(Off)
9 - Red
4 - Grey
4 - ON/OFF Horiz.
4 - Blue
7 - 250V
(Large Hole) B - On-(On)
5 - Orange
9 - I/O/II Horiz.
Flat Actuators:
C -Solder
C - On-Off-(On)
7 - Blue
R - I/O Horiz.
RSCF1 - 28.6 x 13.9 Cutout
(Low Clearance)
8 - Green
S - I/O/II Vert.
RSCF2 - 27.2 x 12.1 Cutout
9 - Red
RSCF3 - 27.2 x 13.9 Cutout
RSCF4 - 28.6 x 12.1 Cutout
Bi-Color:
A - Black / Red
Note:
B - Black / White
* = Option Available with Illumination
C - White / Red
Custom Colors and Markings Available Upon Request
For llluminated Switches Only
Bi-Color
Actuator
High
Temperature
Front
Panel Mount
Illuminated
High
Amperage
P.O. Box 25110 • Portland, OR 97298 USA • www.lambind.com
16
Ph: 503-297-8878 • Fax: 503-297-8879
LAMB
INDUSTRIES


Similar Part No. - RSC

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
More results

Similar Description - RSC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
70-0065-B ETC1-70-0065-B Datasheet
217Kb / 17P
RSC-4x Demo/Evaluation Board: RSC-4000
70-0069-B ETC1-70-0069-B Datasheet
84Kb / 4P
RSC-4x VR Stamp Programmer
logo
PHOENIX CONTACT
2966171 PHOENIX-2966171 Datasheet
124Kb / 6P
Relay Module - PLC-RSC- 24DC/21
2966184 PHOENIX-2966184 Datasheet
123Kb / 6P
Relay Module - PLC-RSC- 24UC/21
2966294 PHOENIX-2966294 Datasheet
96Kb / 6P
Relay Module - PLC-RSC-230UC/21AU
2966919 PHOENIX-2966919 Datasheet
97Kb / 6P
Relay Module - PLC-RSC- 12DC/21AU
2980034 PHOENIX-2980034 Datasheet
85Kb / 5P
Relay Module - PLC-RSC-125DC/21AU
2966142 PHOENIX-2966142 Datasheet
425Kb / 16P
Relay Module - PLC-RSC- 60DC/21AU
10/27/2021
3058020 PHOENIX-3058020 Datasheet
54Kb / 3P
End cover - D-RSC 5
09/12/2020
logo
SUN HOLD ELECTRIC INC
RSC-12-30-P SUNHOLD-RSC-12-30-P Datasheet
1Mb / 2P
RSC SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com