Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSK220101A5 Datasheet(PDF) 1 Page - E-SWITCH

Part # LSK220101A5
Description  LSK Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LSK220101A5 Datasheet(HTML) 1 Page - E-SWITCH

  LSK220101A5 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LSK Series
FEATURES:
• Compact Size With Multiple Functions
• RoHS and Lead Free Compliant
• Customizable Actuator Height
SPECIFICATIONS:
RATING: 0.5A 50VDC
TEMPERATURE: -30°C to 105°C
ELECTRICAL LIFE: 10,000 Cycles
CONTACT RESISTANCE: 30m
 Max.
INSULATION RESISTANCE: 500M
 Min. at 500VDC
DIELECTRIC STRENGTH: 500VAC for 1 Minute
MATERIALS:
BODY: Steel
ACTUATOR: Polyoxymethylene
BASE: Phenolic Board
CONTACTS: Silver Plated Copper
TERMINALS: Silver Plated Brass
EXAMPLE PART NUMBERS:
LSK-120001A5
1P2T On-On
Model 000, PCB Pins, 5.0mm Actuator
LSK-130101A5
1P3T On-On-On
Model 010, PCB Pins, 5.0mm Actuator
LSK-220001A5
2P2T On-On
Model 000, PCB Pins, 5.0mm Actuator
LSK-230101A5
2P3T On-On-On
Model 010, PCB Pins, 5.0mm Actuator
LSK-220001A7
LSK-230101A7
Number of
Terminal
Actuator
Actuator
Series
Poles / Positions
Model
Type
Type
Height
LSK - Side Knob
For Model 00:
000 - 17.0 x 7.3
1 - PCB Pin
A - Rounded
5 - 5mm (Standard)
12 - 1 Pole, On-On
010 - 27.2 x 9.3
Ridged
X - Varies From 2 to 20
22 - 2 Pole, On-On
For Model 01:
13 - 1 Pole, On-On-On
23 - 2 Pole, On-On-On
Right Angle
PCB Mount
P.O. Box 25110 • Portland, OR 97298 USA • www.lambind.com
44
Ph: 503-297-8878 • Fax: 503-297-8879
LAMB
INDUSTRIES


Similar Part No. - LSK220101A5

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
LSK2B-8A HONEYWELL-LSK2B-8A Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSK2B-8C HONEYWELL-LSK2B-8C Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSK2R-8A HONEYWELL-LSK2R-8A Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSK2R-8C HONEYWELL-LSK2R-8C Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Similar Description - LSK220101A5

ManufacturerPart #DatasheetDescription
logo
RFE international
LSK101M2G220350 RFE-LSK101M2G220350 Datasheet
164Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS LSK Series: Snap-In, 105C, 5000 hrs
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com