Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL52 Datasheet(PDF) 1 Page - E-SWITCH

Part # TL52
Description  THRU HOLE TACTILE SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL52 Datasheet(HTML) 1 Page - E-SWITCH

  TL52 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES TL52 SWITCHES
Mechanical Life:
100,000 cycles
Force:
260 ± 50 gf; 160 ± 50 gf
Travel:
0.3 +0.2/-0.1mm
Specifications subject to change without notice.
SERIES
PLATING
A = 13.0
ACTUATOR
Q = Silver
TL
ThRU hoLe TACTILe SWITCh
7153 NORTHLAND DRIVE NORTH
BROOKLyN PARK, MN 55428
www.e-switch.com
email: info@e-switch.com
MECHANICAL SPECIFICATIONS
Contact Rating:
50mA @12 VDC
Contact Resistance (Initial Max.):
100 mohms
Insulation Resistance:
100 Mohms min @100VDC
Dielectric Strength (1 Min.):
250VAC
Bounce:
10m Second Max
ELECTRICAL SPECIFICATIONS
operating Temperature:
-25°C to +85°C
ENVIRONMENTAL SPECIFICATIONS
HOW TO ORDER
Phone: 763.504.3525
FAx: 763.531.8235
Example Ordering Number
TL52AF160Q
FEATURES & BENEFITS
• Sealed to IP-67 rating
• Radial packaging
• Silver contacts
APPLICATIONS / MARKETS
• Appliance
• Testing/instrumentation
• Medical
FORCE
F160 = 160 gf
F260 = 260 gf
MODEL
52


Similar Part No. - TL52

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL52055 TI-TL52055 Datasheet
233Kb / 10P
WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055 TI-TL52055 Datasheet
220Kb / 11P
WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055D TI-TL52055D Datasheet
233Kb / 10P
WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055D TI-TL52055D Datasheet
220Kb / 11P
WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055DR TI-TL52055DR Datasheet
233Kb / 10P
WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
More results

Similar Description - TL52

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS-100587 ETC2-MS-100587 Datasheet
142Kb / 1P
Tactile Switch (Thru-Hole)
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
Tactile Switch
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS05 CUI-TS05 Datasheet
470Kb / 4P
TACTILE SWITCH
09/20/2021
TS12 CUI-TS12 Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com