Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1265 Datasheet(PDF) 2 Page - E-SWITCH

Part # TL1265
Description  TL1265 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1265 Datasheet(HTML) 2 Page - E-SWITCH

  TL1265 Datasheet HTML 1Page - E-SWITCH TL1265 Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TL1265 SERIES
BODY DIMENSIONS
LED SPECIFICATIONS
www.e-switch.com
800.867.2717
222222222222
SCHEMATIC
5
6
-
+
43
21
PCB LAYOUT
3.0
[.118]
6.0
[.236]
4.5
[.177]
6.3
[.248]
.9
[.035]
4 - Ø1.0
[Ø.039]
2 - Ø.8
[Ø.032]
4
6
3
2
5
1
7.0
[.276]
6.8
[.268]
Ø5.0
[Ø.197]
Ø8.0
[Ø.315]
5.8
[.229]
2.3
[.091]
12.0
[.473]
4.5
[.177]
3.0
[.118]
1.5
[.059]
.3
[.012]
.2
[.008]
6.0
[.236]
.4
[.016]
.7
[.028]
4.5
[.177]
6.3
[.248]
13
5
6
21
LED Specifications
Color
Forward Current mA
(Nom.)
Forward Voltage
Voltage at 20mA
(Typ-Max)
Luminous Intensity mcd
(Typ.) at 20mA
Red
20
1.95 - 2.5
1800
Blue
20
2.9 - 4.0
150
Green
20
2.1 - 2.5
800
Yellow
20
2.0 - 2.5
1800
White
20
3.2 - 4.0
150



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com