Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL3303AF100QG Datasheet(PDF) 1 Page - E-SWITCH

Part # LL3303AF100QG
Description  TACT SWITCHES SMT - 6mm x 6mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LL3303AF100QG Datasheet(HTML) 1 Page - E-SWITCH

  LL3303AF100QG Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.e-switch.com
info@e-switch.com
17
Specifications subject to change without notice.
Example Ordering Number
TL _ 3303_ F160_ Q _G
SPECIFICATIONS
Contact Rating:
50mA @ 12 VDC
Life Expectancy:
100,000 cycles typical
Contact Resistance:
100mΩ max. initial @ 2-4 VDC
Insulation Resistance:
100MΩ min.
Dielectric Strength:
250 VAC
Actuation Force:
100 ± 50 gf, 160 ± 50 gf, 260 ± 50 gf
Operating Temperature: -20°C to 70°C
Travel:
0.25mm Typ
MATERIALS
Housing:
PPS
Actuator:
PPS
Bracket/Cover:
Tin plated steel
Contacts:
Silver plated phosphor bronze
Terminals:
Silver plated brass
SERIES TL 3303 SWITCHES
TACT SWITCHES SMT - 6mm x 6mm
SERIES
OPERATING
FORCE
CONTACT
MATERIAL
ACTUATOR
("L" Dimension)
3303
F100
F160
F260
Q = Silver
G = Gull Wing
MODEL NO.
HOW TO ORDER
(None) = 3.1mm
A= 4.3mm
TL
TLE = Earth Ground
LL = Long Life
TERMINATION
FEATURES & BENEFITS
Earth ground terminal options
Reliable dome contact technology
Strong tactile/audible feedback
APPLICATIONS/MARKETS
Telecommunications
Consumer Electronics
Audio/visual
Medical
Testing/instrumentation
Computer/servers/peripherals
TL 3303/LL 3303
TLE 3303
SCHEMATIC
P.C. MOUNTING
SCHEMATIC
P.C. MOUNTING


Similar Part No. - LL3303AF100QG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
LL3303 VBSEMI-LL3303 Datasheet
1,009Kb / 8P
N-Channel 30 V (D-S) MOSFET
More results

Similar Description - LL3303AF100QG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL1105 ETC2-TL1105 Datasheet
239Kb / 3P
TACT SWITCHES - 6mm x 6mm
logo
E-SWITCH
TL3301 E-SWITCH-TL3301 Datasheet
229Kb / 2P
TACT SWITCHES SMT - 6mm x 6mm
logo
Nihon Kaiheiki Industry...
HP0315AFKP2-S NKK-HP0315AFKP2-S Datasheet
140Kb / 4P
6mm SMT Tactiles
logo
E-SWITCH
TL1105 E-SWITCH-TL1105 Datasheet
240Kb / 3P
TACT SWITCHES - 6mm x 6mm
logo
List of Unclassifed Man...
MJTP_6MM ETC2-MJTP_6MM Datasheet
343Kb / 5P
MJTP SERIES 6MM THRU-HOLE MTG TACT SWITCHES
logo
E-SWITCH
TL1105AF160Q E-SWITCH-TL1105AF160Q Datasheet
240Kb / 3P
SERIES TL1105 SWITCHES TACT SWITCHES - 6mm x 6mm
TL1105DF250Q E-SWITCH-TL1105DF250Q Datasheet
240Kb / 3P
TACT SWITCHES - 6mm x 6mm
TL1105WF250Q E-SWITCH-TL1105WF250Q Datasheet
240Kb / 3P
TACT SWITCHES - 6mm x 6mm
logo
List of Unclassifed Man...
ADTSM32NV ETC2-ADTSM32NV Datasheet
143Kb / 3P
3.5 x 6mm TACT SWITCH
logo
E-SWITCH
TL1105SF250Q E-SWITCH-TL1105SF250Q Datasheet
1Mb / 4P
TACT SWITCHES - 6mm x 6mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com