Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL4100 Datasheet(PDF) 1 Page - E-SWITCH

Part # TL4100
Description  TL4100 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL4100 Datasheet(HTML) 1 Page - E-SWITCH

  TL4100 Datasheet HTML 1Page - E-SWITCH TL4100 Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.e-switch.com
800.867.2717
RoHS
1
TL4100 SERIES
FEATURES & BENEFITS
APPLICATIONS / MARKETS
Audio / Visual
Computer Peripherals
Consumer Electronics
Instrumentation
Medical Equipment
Telecommunication
TL
4100
F120 -
120 grams
F240 -
240 grams
A -
2.00
Q -
Silver
G -
Gullwing
Series
Model
Force
Actuator
Plating
Termination
Electrical Rating:
50mA, 12VDC
Life Expectancy:
up to 1,000,000 Cycles
Contact Resistance:
100mΩ Max.
Insulation Resistance:
100MΩ Min. at 500VDC
Dielectric Strength:
250VAC for 1 Minute
Operating Temperature:
-40°C to 85°C
Operating Force:
120gf ± 50gf (1,000,000 cycles)
240gf ± 60gf (500,000 cycles)
Travel:
0.15mm ± 0.10mm
Function:
SPST, Off-(On), Momentary
Specifications subject to change without notice
SPECIFICATIONS
PART NUMBER CONFIGURATOR
• Up to 1,000,000 cycle life expectancy
• Right angle edge mounted design
• Multiple force options


Similar Part No. - TL4100

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TL410 TAITRON-TL410 Datasheet
140Kb / 5P
4A Bridge Rectifier
logo
E-SWITCH
TL4105 E-SWITCH-TL4105 Datasheet
106Kb / 2P
TL4105 SERIES
TL4105AF160QG E-SWITCH-TL4105AF160QG Datasheet
106Kb / 2P
TL4105 SERIES
logo
List of Unclassifed Man...
TL410G ETC2-TL410G Datasheet
127Kb / 4P
4 AMP Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
TL410G TAITRON-TL410G Datasheet
126Kb / 4P
4A Glass Passivated Bridge Rectifier
More results

Similar Description - TL4100

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com