Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WB2 Datasheet(PDF) 1 Page - E-SWITCH

Part # WB2
Description  WB2 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

WB2 Datasheet(HTML) 1 Page - E-SWITCH

  WB2 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Body
Actuator
Marking
Marking
Series
Terminal
Function
Rating
Color
Color
Color
Type
WB2
4 - 6.3mm Tabs
1 Pole:
D - 20A 125VAC
1 - Black
1 - Black
0 - None
0 - None
D - (On)-Off-(On)
2 - White
2 - White
1 - Black
1 - I/O Vert.
9 - Red
2 - White
2 - ON/OFF/ON Vert.
2 Pole:
3 - ON/OFF Vert.
2 - Off-On
4 - ON/OFF Horiz.
G- On-On
9 - I/O/II Horiz.
E - Off-(On)
S - I/O/II Vert.
H - On-(On)
R - I/O Horiz.
6 - On-Off-On
K - (On)-Off-(On)
Custom Colors and Markings Available Upon Request
WB242D1121
FEATURES:
• High Ratings with UL and TUV Approvals
• Industry Standard 22mm x 30mm Cutout
• Internal Dust and Water Protection to IP55
SPECIFICATIONS:
RATING: MAINTAINED SWITCHES:
20A 125VAC [cULus]
20A 250VAC [cULus]
2HP 125/250VAC [cULus]
22(14)A 250V~ 5E4 T85 [European]
MOMENTARY SWITCHES:
20A 125VAC T85 [cULus]
20A 250VAC T85 [cULus]
1.5HP 125/250VAC [cULus]
18(10)A 250V~ 5E4 T85 [European]
TEMPERATURE: -20°C to 65°C Min.
CONTACT RESISTANCE: 50m
 Max.
INSULATION RESISTANCE: 500M
 Min. at 500VDC
DIELECTRIC STRENGTH: 1,500VAC for 1 Minute
INGRESS PROTECTION: IP55 Standard
MATERIALS:
BODY: Polyamide 6/6
ACTUATOR: Polyamide 6/6
MOUNTING EARS: Polyamide 6/6
RUBBER SEAL: Ethylene Propylene
CONTACTS: Silver Alloy
TERMINALS: Silver Plated Brass
WB2 Series
Front
Panel Mount
High
Amperage
Water
Protection
Heavy
Duty
EXAMPLE PART NUMBERS:
WB242D1100
2P Off-On
Black Body/Actuator, No Marking
WB242D1121
2P Off-On
Black Body/Actuator, I/O Vert.
WB246D1100
2P On-Off-On
Black Body/Actuator, No Marking
WB246D112S
2P On-Off-On
Black Body/Actuator, I/O/II Vert.
WB24ED1121
2P Off-(On)
Black Body/Actuator, No Marking
WB24GD1100
2P On-On
Black Body/Actuator, No Marking
WB24KD1100
2P (On)-Off-(On)
Black Body/Actuator, No Marking
WB246D1100
P.O. Box 25110 • Portland, OR 97298 USA • www.lambind.com
13
Ph: 503-297-8878 • Fax: 503-297-8879
LAMB
INDUSTRIES


Similar Part No. - WB2

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WB2-1-2WL COILCRAFT-WB2-1-2WL Datasheet
270Kb / 2P
Wideband Transformers
WB2-1-2WL COILCRAFT-WB2-1-2WL Datasheet
212Kb / 5P
Wideband Transformers
WB2-1-2WL COILCRAFT-WB2-1-2WL Datasheet
212Kb / 5P
Wideband Transformers
WB2-1-2WL COILCRAFT-WB2-1-2WL Datasheet
616Kb / 5P
Wideband Transformers
WB2-1-2WSL COILCRAFT-WB2-1-2WSL Datasheet
270Kb / 2P
Wideband Transformers
More results

Similar Description - WB2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com