Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC302 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # ADC302
Description  2W, Miniature SIP, Single & Dual Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

ADC302 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  ADC302 Datasheet HTML 1Page - MPS Industries, Inc. ADC302 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADC300 SERIES
VDC
VDC
% Typ.
% Max.
ADC301
3.3
73
11
ADC302
5
76
11
ADC303
12
80
7
ADC304
15
80
7
ADC305
±5
77
10
ADC306
±12
79
7
ADC307
±15
79
7
ADC311
3.3
74
8
ADC312
5
78
8
ADC313
12
82
5
ADC314
15
83
5
ADC315
±5
79
8
ADC316
±12
82
5
ADC317
±15
82
5
ADC321
3.3
74
8
ADC322
5
77
8
ADC323
12
81
5
ADC324
15
82
5
ADC325
±5
79
8
ADC326
±12
81
5
ADC327
±15
82
5
Pin
Singles
Duals
1
+Vin
+Vin
2
-Vin
-Vin
4
-Vout
-Vout
5
No Pin
Common
6
+Vout
+Vout
Tolerance
Millimeters
Inches
X.X±0.25
X.XX±0.01
X.XX±0.13
X.XXX±0.005
Pin
±0.05
±0.002
2463 208th Street, Ste. 205
http://www.mpsind.com
Torrance, CA 90501
E-mail: sales@mpsind.com
Key Features
Selection Guide
Model
Number
Input
Voltage
Output
Voltage
Efficiency
Load
Regulation
Output
Current
500
400
165
±66
500
165
±83
133
±200
Tel: (310) 533-1455
Fax: (310) 533-1853
Weight –
Non-Conductive Black Plastic
Mechanical Dimensions
2.7g (0.10Oz)
5
(4.5 – 5.5)
12
(10.8 – 13.2)
2W, Miniature SIP, Single & Dual Output DC/DC Converters
19.5x7.6x10.2mm (0.77x0.30x0.40inch)
Case Material –
400
mA
MPS Industries ADC300 DC/DC's
are specially designed to provide
higher power to 2W in a miniature
SIP package.
The series consists of 21 models
with input voltages of 5V, 12V and
24VDC which offers standard output
voltages of 3.3V, 5V, 12V, 15V,
±5V, ±12V and ±15VDC for a wide
choice.
The ADC300 series is an excellent
selection for a variety of applications
including distributed power
systems, mixed analog/digital
subsystems, portable test
equipments, local power networks
and battery backed systems.
Case Size –
Pin Connections
±83
±66
500
400
• Efficiency up to 83%
• 1000VDC Isolation
• MTBF > 2,000,000 Hours
• Low Cost
• Input 5, 12 and 24VDC
• Output 3.3, 5, 12, 15,
±5, ±12 and ±15VDC
• Temperature Performance
-40°C to +85°C
• UL 94V-0 Package Material
• Internal SMD Construction
• Industry Standard Pinout
165
133
±200
±83
±66
24
(21.6 – 26.4)
133
±200
19.5 [0.77]
2.3 [0.09]
18.5 [0.73]
12
4
5
6
2.54 [0.100]
0.50 [0.020]


Similar Part No. - ADC302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC31JB68 TI1-ADC31JB68 Datasheet
3Mb / 74P
Single Channel 16-bit 500 Msps Analog to Digital Converter
ADC31JB68RTA25 TI1-ADC31JB68RTA25 Datasheet
3Mb / 74P
Single Channel 16-bit 500 Msps Analog to Digital Converter
ADC31JB68RTAT TI1-ADC31JB68RTAT Datasheet
3Mb / 74P
Single Channel 16-bit 500 Msps Analog to Digital Converter
ADC31RF80 TI1-ADC31RF80 Datasheet
8Mb / 136P
3-GSPS Telecom Receiver and Feedback Device
ADC31RF80 TI2-ADC31RF80 Datasheet
8Mb / 142P
ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
AUGUST 2017
More results

Similar Description - ADC302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
2W, Miniature SIP, Single & Dual Output DC/DC Converters
MSAU400 MINMAX-MSAU400 Datasheet
205Kb / 6P
2W, Miniature SMD, Single & Dual Output DC/DC Converters
MSLU400 MINMAX-MSLU400 Datasheet
188Kb / 7P
2W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
D200E MPD-D200E Datasheet
181Kb / 2P
Low Cost, 2W SIP Single & Dual Output DC/DC Converters
E200 MPD-E200 Datasheet
175Kb / 2P
Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
High Isolation, 2W SIP Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com