Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBU60 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # HBU60
Description  60W Open frame type medical power supplies for health care applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

HBU60 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  HBU60 Datasheet HTML 1Page - MPS Industries, Inc. HBU60 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - HBU60

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
HBU600 DEC-HBU600 Datasheet
480Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
HBU601 DEC-HBU601 Datasheet
480Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
HBU602 DEC-HBU602 Datasheet
480Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
HBU604 DEC-HBU604 Datasheet
480Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
HBU606 DEC-HBU606 Datasheet
480Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
More results

Similar Description - HBU60

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM60 ASTRODYNE-ASM60 Datasheet
751Kb / 4P
60W Ultraminiature Medical Open Frame Switching Power Supplies
logo
MPS Industries, Inc.
HBU31 MPSIND-HBU31 Datasheet
235Kb / 2P
30W Open Frame Type Medical Power Supplies For Health Care Applications
HPU12A MPSIND-HPU12A Datasheet
312Kb / 2P
12W Wall mount type medical power supplies For Home health care applications
HPU31B MPSIND-HPU31B Datasheet
272Kb / 2P
30W Desk top type medical power supplies for health care applications
HPU63B MPSIND-HPU63B Datasheet
231Kb / 2P
63W Desk Top Swithching Power Supplies For health Care Applications
HPU100 MPSIND-HPU100 Datasheet
421Kb / 2P
100W Desk top type medical power supplies for health care applications
MPU60A MPSIND-MPU60A Datasheet
174Kb / 2P
763W Desk Top Swithching Power Supplies For health Care Applications
logo
Total Power Internation...
TPHBU31 TOTAL-POWER-TPHBU31 Datasheet
272Kb / 2P
Medical Power Supplies For Health Care Applications
logo
Astrodyne Corporation
ASM60 ASTRODYNE-ASM60_16 Datasheet
655Kb / 5P
60W Ultraminiature Medical Open Frame Switching Power Supplies
AHP6301 ASTRODYNE-AHP6301 Datasheet
1Mb / 6P
63W Medical Power Adapters for Health Care Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com