Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC415 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # ADC415
Description  1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

ADC415 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  ADC415 Datasheet HTML 1Page - MPS Industries, Inc. ADC415 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADC400 SERIES
VDC
VDC
% Typ.
% Max.
ADC401
5
66
10
ADC402
12
66
8
ADC403
15
66
8
ADC404
±5
66
10
ADC405
±12
72
8
ADC406
±15
73
8
ADC411
5
66
10
ADC412
12
66
8
ADC413
15
66
8
ADC414
±5
66
10
ADC415
±12
74
8
ADC416
±15
75
8
Pin
Singles
Duals
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
Tolerance
Millimeters
Inches
X.X±0.25
X.XX±0.01
X.XX±0.13
X.XXX±0.005
Pin
±0.05
±0.002
2463 208th Street, Ste. 205
http://www.mpsind.com
Torrance, CA 90501
E-mail: sales@mpsind.com
MPS Industries ADC400 1W
DC/DC's are specially designed
to provide ultra-high levels of
isolation 6000VDC in a miniature
SIP package.
The series consists of 12 models
with input voltages of 5V and
12VDC which offers standard
output voltages of 5V, 12V,
15VDC in both single and dual
output configurations.
The ADC400 series is an excellent
selection for a variety of applications
including distributed power
systems, mixed analog/digital
subsystems, portable test
equipments, local power networks
and battery backed systems.
3.9g (0.14Oz)
Case Size –
Pin Connections
Mechanical Dimensions
Tel: (310) 533-1455
Fax: (310) 533-1853
Weight –
1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
22.0x7.5x12.5mm (0.87x0.30x0.49inch)
Case Material –
Non-Conductive Black Plastic
±40
mA
200
80
±35
200
80
65
±100
65
±100
5
(4.5 - 5.5)
12
(10.8 - 13.2)
Key Features
• Efficiency up to 75%
• 6000VDC Isolation
• MTBF > 2,000,000 Hours
• Internal SMD Construction
• Industry Standard Pin-out
• Input 5 and 12VDC
• Output 5, 12, 15,
±5, ±12 and ±15VDC
• Temperature Performance
-25°C to +70°C
• UL 94V-0 Package Material
• Low Cost
Selection Guide
Model
Number
Input
Voltage
Output
Voltage
Efficiency
Load
Regulation
Output
Current
±40
±35
3.5 [0.14]
21.0 [0.83]
12
7
56
0.50 [0.020]
22.0 [0.87]
2.54 [0.100]


Similar Part No. - ADC415

ManufacturerPart #DatasheetDescription
logo
Analog Power
ADC4D10120A ANALOGPOWER-ADC4D10120A Datasheet
234Kb / 5P
1200-V Direct WBG Diode
ADC4D10120D ANALOGPOWER-ADC4D10120D Datasheet
319Kb / 5P
1200-V Direct WBG Diode
ADC4D10120E ANALOGPOWER-ADC4D10120E Datasheet
310Kb / 3P
1200-V Direct WGB Diode
ADC4D10120H ANALOGPOWER-ADC4D10120H Datasheet
234Kb / 5P
1200-V Direct WBG Diode
ADC4D20120H ANALOGPOWER-ADC4D20120H Datasheet
233Kb / 5P
1200-V Direct WBG Diode
More results

Similar Description - ADC415

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
logo
Minmax Technology Co., ...
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
MFU100 MINMAX-MFU100 Datasheet
156Kb / 6P
1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
DM100E MPD-DM100E Datasheet
217Kb / 2P
UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
E100EI MPD-E100EI Datasheet
266Kb / 2P
1W, High Isolation Ultra-Miniature SIP DC/DC Converters
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
High Isolation, 1W SIP Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com