Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2001 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # M2001
Description  MEDICAL GRADE POWER TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

M2001 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  M2001 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MECHANICAL
SCHEMATIC
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
MEDICAL GRADE
POWER TRANSFORMER
M2001
ELECTRICAL SPECIFICATION @ 25OC
Part No.
M2001-
OCL 10KHz
µH ±25%
(2-4)
L
L 100KHz
µH Max
(2-4)
DCR
Ω Max
(2-4)
Turns Ratio
±5%
(2-4 : 9-7)
I
OUT
mA Max
(9-7)
12
360
1.0
0.050
1:12
167
14
360
1.0
0.050
1:14
143
16
360
1.0
0.050
1:16
125
20
360
2.0
0.050
1:20
100
Product performance is limited to specified parameters.
Data is subject to change without prior notice.
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
• 60W Sine wave step up 10KHz to 60KHz
• Complies with IEC60950 and UL60601 reinforced isolation
• Hipot: 4000V
RMS (wdg to wdg, wdgs to core)
• Operating Temperature: -40°C to +85°C
• RoHS Compliant Product
• Custom design available upon request
Note:
• Input Voltage: 20Vp-p to 60Vp-p sine wave
• Polarity: 2 and 9 are in phase


Similar Part No. - M2001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M2001 VISHAY-M2001 Datasheet
102Kb / 2P
Ceramic/Cermet Attenuator
14-Jan-03
logo
MTRONPTI
M2001 MTRONPTI-M2001 Datasheet
310Kb / 2P
5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
M2001 MTRONPTI-M2001 Datasheet
350Kb / 3P
5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
M2001 MTRONPTI-M2001 Datasheet
509Kb / 3P
M2001 Series 5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
M200113FCN MTRONPTI-M200113FCN Datasheet
310Kb / 2P
5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
More results

Similar Description - M2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS250HG ETC2-IS250HG Datasheet
524Kb / 4P
Isolation Transformer - Medical Grade line noise reduction and spike suppression
IS500HG ETC2-IS500HG Datasheet
514Kb / 4P
Isolation Transformer - Medical Grade line noise reduction and spike suppression
IS1000HG ETC2-IS1000HG Datasheet
511Kb / 4P
Isolation Transformer - Medical Grade line noise reduction and spike suppression
IS1800HG ETC2-IS1800HG Datasheet
519Kb / 4P
Isolation Transformer - Medical Grade line noise reduction and spike suppression
logo
Tumbler Technologies + ...
TMA65 TRUMPOWER-TMA65 Datasheet
96Kb / 2P
40-65W Medical Grade Power Adapters
TMA165 TRUMPOWER-TMA165 Datasheet
97Kb / 1P
160-165W Medical Grade Power Adapters
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
65 Watts Medical Grade Power Adapters
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
90 Watts Medical Grade Power Adapters
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
Medical Grade 15W Desktop Power Adapters
logo
Astrodyne Corporation
AHP3201 ASTRODYNE-AHP3201 Datasheet
652Kb / 5P
30W Medical Grade Switching Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com