Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC324 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # ADC324
Description  2W, Miniature SIP, Single & Dual Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

ADC324 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  ADC324 Datasheet HTML 1Page - MPS Industries, Inc. ADC324 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADC300 SERIES
Min.
Max. Units
Parameter
Min.
Typ.
Max.
Units
5VDC Input Models
-0.7
9
VDC
Isolation
Voltage
1000
---
---
VDC
12VDC Input Models
-0.7
18
VDC
Isolation
Resistance
1000
---
---
MΩ
24VDC Input Models
-0.7
30
VDC
Isolation
Capacitance
---
80
120
pF
---
260
°C
Switching
Frequency
50
80
100
kHz
---
650
mW
Parameter
Conditions
Min.
Max. Units
Parameter
Min.
Typ.
Max.
Units
Operating
Temperature
Ambient
-40
85
°C
Line Regulation
---
±1.2
±1.5
%
Operating
Temperature
Case
-40
90
°C
Load Regulation
%
Storage
Temperature
-40
125
°C
Ripple & Noise
---
100
150
mV P-P
Humidity
---
95
%
Short Circuit
Cooling
Units
uF
2463 208th Street, Ste. 205
http://www.mpsind.com
Torrance, CA 90501
E-mail: sales@mpsind.com
470
390
Derating Curve
500VDC
MTBF
2
Maximum Capacitive Load
MIL-HDBK-217F
@25°C
Ground Benign
Conditions
For Vin Change of
1%
Io = 20% to 100%
---
General Characteristics
Input Surge Voltage
(1000mS)
Lead Temperature
(1.5mm from case for 10sec.)
2W, Miniature SIP, Single & Dual Output DC/DC Converters
Absolute Maximum Ratings
Parameter
Conditions
100kHz, 1V
60 Seconds
---
MHrs
Environmental Characteristics
Free-Air Convection
Output Characteristics
See Selection Guide
0.5 Second Max.
Internal Power Dissipation
20MHz BW
Exceeding the unit absolute maximum ratings could cause damage.
These are not continuous operating ratings.
Tel: (310) 533-1455
Fax: (310) 533-1853
Models by Output Voltage
(Each Output on Duals)
Notes:
1. Specifications typical at Ta=+25°C, resistive load, nominal input
voltage, rated output current unless otherwise noted.
2. These power converters require a minimum output load to maintain
specified regulation.
3. Operation under no-load conditions will not damage these modules;
however, they may not meet all specifications listed.
4. All DC/DC converters should be externally fused at the front end for
protection.
5. Other input and output voltage may be available, please contact
factory.
6. All specifications subject to change without notice.
7. For detailed data sheet, please contact us.
Singles
Duals
¡ã
]
Ambient Temperature
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com