Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBU80 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # MBU80
Description  80W Open Frame Switching Power Supplies For Medical Equipment.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MBU80 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  MBU80 Datasheet HTML 1Page - MPS Industries, Inc. MBU80 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - MBU80

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MBU100 TOTAL-POWER-MBU100 Datasheet
138Kb / 4P
MBU100 SERIES 1WATT ULTRA MINIATURE HIGH SIP DC/DC CONVERTERS
logo
Minmax Technology Co., ...
MBU100 MINMAX-MBU100 Datasheet
227Kb / 6P
1W, Ultra Miniature SIP, Single Output DC/DC Converter
MBU100 MINMAX-MBU100_13 Datasheet
516Kb / 4P
DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
logo
Total Power Internation...
MBU100 TOTAL-POWER-MBU100_17 Datasheet
479Kb / 4P
Miniature SIP-Package with Industry Standard Pinout
More results

Similar Description - MBU80

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MBU60 VOLGEN-MBU60 Datasheet
503Kb / 2P
63W Open Frame Switching Power Supplies For Medical Equipment.
MBU61 VOLGEN-MBU61 Datasheet
365Kb / 2P
63W Open Frame Switching Power Supplies For Medical Equipment.
logo
MPS Industries, Inc.
MBU30 MPSIND-MBU30 Datasheet
252Kb / 2P
30W Open Frame Switching Power Supplies For Medical Equipment
MBU150 MPSIND-MBU150 Datasheet
381Kb / 2P
150W Open Frame Switching Power Supplies For Medical Equipment.
MBU151 MPSIND-MBU151 Datasheet
409Kb / 2P
15W Open Frame Switching Power Supplies For Medical Equipment
logo
DB Lectro Inc
SBU80 DBLECTRO-SBU80 Datasheet
446Kb / 2P
80W Open frame Switching Power Supplies For I.T.E.
SBU81 DBLECTRO-SBU81 Datasheet
460Kb / 2P
80W Open frame Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPMBU80 TOTAL-POWER-TPMBU80 Datasheet
320Kb / 2P
80W Open Frame Type Medical Power Supplies
logo
Vitec Power
SMFA80-SERIES Vitec-SMFA80-SERIES Datasheet
363Kb / 2P
80W Open-Frame Power Supply for Medical Equipment
SMFA80 Vitec-SMFA80 Datasheet
374Kb / 2P
80W Open-Frame Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com