Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC152 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # ADC152
Description  1W, Miniature SIP, Single & Dual Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

ADC152 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  ADC152 Datasheet HTML 1Page - MPS Industries, Inc. ADC152 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADC100 SERIES
VDC
VDC
% Typ.
% Max.
ADC101
3.3
73
10
ADC102
5
71
10
ADC103
9
76
8
ADC104
12
78
7
ADC105
15
78
7
ADC106
±5
72
10
ADC107
±9
77
8
ADC108
±12
78
7
ADC109
±15
79
7
ADC111
3.3
74
8
ADC112
5
73
8
ADC113
9
78
5
ADC114
12
80
5
ADC115
15
80
5
ADC116
±5
74
8
ADC117
±9
79
5
ADC118
±12
81
5
ADC119
±15
81
5
ADC121
3.3
73
8
ADC122
5
71
8
ADC123
9
76
5
ADC124
12
78
5
ADC125
15
79
5
ADC126
±5
72
8
ADC127
±9
76
5
ADC128
±12
79
5
ADC129
±15
80
5
ADC151
5
72
8
ADC152
12
79
5
ADC153
15
79
5
ADC154
±5
72
8
ADC155
±12
80
5
ADC156
±15
80
5
Pin
Singles
Duals
1
+Vin
+Vin
2
-Vin
-Vin
4
-Vout
-Vout
5
No Pin
Common
6
+Vout
+Vout
(0.77x0.24x0.40inch)
(0.77x0.28x0.40inch)
Tolerance
Millimeters
Inches
X.X±0.25
X.XX±0.01
T= 6.1 (0.24) for 5V & 12V Input Models
X.XX±0.13
X.XXX±0.005
T= 7.1 (0.28) for 15V & 24V Input Models
Pin
±0.05
±0.002
2463 208th Street, Ste. 205
http://www.mpsind.com
Torrance, CA 90501
E-mail: sales@mpsind.com
±100
Selection Guide
Model
Number
Input
Voltage
Output
Voltage
Efficiency
Load
Regulation
Output
Current
5
(4.5 – 5.5)
12
(10.8 – 13.2)
260
200
110
±56
±42
±34
260
110
84
67
Tel: (310) 533-1455
Fax: (310) 533-1853
Weight –
1W, Miniature SIP, Single & Dual Output DC/DC Converters
5V & 12V Input – 19.5x6.1x10.2mm
Case Material –
Non-Conductive Black Plastic
200
mA
MPS Industries ADC100 1W
DC/DC's are specially designed
to provide the optimum cost/
benefit power solution in a
miniature SIP package.
The series consists of 33 models
with input voltages of 5V, 12V, 15V
and 24VDC which offers standard
output voltages of 3.3V, 5V, 9V, 12V,
15V, ±5V, ±9V, ±12V and ±15VDC
for a wide choice.
The ADC100 series is an excellent
selection for a variety of applications
including distributed power
systems, mixed analog/digital
subsystems, portable test
equipments, local power networks
and battery backed systems.
15V & 24V Input– 2.6g (0.09Oz)
Case Size –
Pin Connections
Mechanical Dimensions
5V & 12V Input – 2.2g (0.08Oz)
15V & 24V Input –19.5x7.1x10.2mm
24
(21.6 – 26.4)
15
(13.5 – 16.5)
84
67
±100
±56
±42
±34
260
200
200
110
84
67
±100
• Efficiency up to 81%
• 1000VDC Isolation
• MTBF > 2,000,000 Hours
• Low Cost
• Input 5, 12, 15 and 24VDC
• Output 3.3, 5, 9, 12, 15,
±5, ±9, ±12 and ±15VDC
• Temperature Performance
-40°C to +85°C
• UL 94V-0 Package Material
• Internal SMD Construction
• Industry Standard Pinout
Key Features
±34
84
67
±100
±42
±56
±42
±34
19.5 [0.77]
2.1 [0.08]
18.5 [0.73]
12
4
5
6
2.54 [0.100]
0.5 [0.020]


Similar Part No. - ADC152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC150 ETC-ADC150 Datasheet
131Kb / 9P
Programmable Integrating A/D Converter
ADC150 ETC2-ADC150 Datasheet
201Kb / 4P
Evaluation Kit For A/D Converters
logo
RHOPOINT COMPONENTS
ADC150 RHOPOINT-ADC150 Datasheet
217Kb / 9P
Programmable Integrating A/D Converter
logo
List of Unclassifed Man...
ADC150C ETC-ADC150C Datasheet
131Kb / 9P
Programmable Integrating A/D Converter
ADC150CA ETC-ADC150CA Datasheet
131Kb / 9P
Programmable Integrating A/D Converter
More results

Similar Description - ADC152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
D100E MPD-D100E Datasheet
183Kb / 2P
Low Cost, 1W SIP Single & Dual Output DC/DC Converters
D200 MPD-D200 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
DM100E MPD-DM100E Datasheet
217Kb / 2P
UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
E100 MPD-E100 Datasheet
160Kb / 2P
Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
High Isolation, 1W SIP Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com