Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N5607 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # N5607
Description  1000BASE-T SINGLE PORT RJ-45 JACK WITH MAGNETIC MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

N5607 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  N5607 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
1000BASE-T SINGLE PORT RJ-45
JACK WITH MAGNETIC MODULE
N5607
• Designed for network interface card application
• For Gigabit Transmission over CAT 5 & 6 UTP cable
• Designed to meet IEEE802.3 requirement
• Operating temperature: 0°C to +70°C
• RoHS compliant product
• Custom design available
Industries
ELECTRICAL PARAMETERS @25°C
Part
Number
Turns
Ratio
±2%
Insertion
Loss
(dB Max)
Return Loss
(dB) Min
MHz
Cross Talk
(dB) Typ
MHz
CMR
(dB) Typ
MHz
1-100MHz
1-40
60
80
100
1-100
0.1-30
30-60
60-100
N5607
1CT:1CT
-1.1
-18
-14
-12
-10
-35
-38
-35
-30
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch:.XX:±0.015.XXX:±0.004
mm:X,X:±0,38X,XX:±0,10
DIMENSIONS
•
Inductance:350µHMin@100KHz,0.1VRMSwith8mADC
•
Hipot: 1500VRMS
SCHEMATIC
RECOMMENDED PCB LAND PATTERN
Ω
Ω
Ω
Ω


Similar Part No. - N5607

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
N5601 MPSIND-N5601 Datasheet
194Kb / 1P
GIGABIT RJ-45 JACK WITH MAGNETIC MODULE
N5606 MPSIND-N5606 Datasheet
440Kb / 1P
1000BASE-T SINGLE PORT RJ-45 JACK WITH MAGNETIC MODULE
More results

Similar Description - N5607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFJ11-1041E ETC1-HFJ11-1041E Datasheet
133Kb / 3P
Single Port 10BASE-T RJ-45 Connectors
logo
PCA ELECTRONICS INC.
EPJ9102 PCA-EPJ9102 Datasheet
61Kb / 1P
Single USB / RJ-45 Filter Port Jack
EPJ9632E-S9-RC PCA-EPJ9632E-S9-RC Datasheet
29Kb / 1P
10/100Base-TX Single Port RJ-45 Jack
logo
MPS Industries, Inc.
N4601 MPSIND-N4601 Datasheet
370Kb / 1P
1000BASE-T VERTICAL RJ45 JACK WITH MAGNETIC MODULE
N5101 MPSIND-N5101 Datasheet
531Kb / 3P
1XN RJ-45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5110 MPSIND-N5110 Datasheet
70Kb / 2P
RJ-45 10/100 BASE-TX Jack with Magnetic Module
N5601 MPSIND-N5601 Datasheet
194Kb / 1P
GIGABIT RJ-45 JACK WITH MAGNETIC MODULE
N5606 MPSIND-N5606 Datasheet
440Kb / 1P
1000BASE-T SINGLE PORT RJ-45 JACK WITH MAGNETIC MODULE
N6111 MPSIND-N6111 Datasheet
306Kb / 2P
Gigabit RJ-45 USB Combo with Magnetic Module
logo
PCA ELECTRONICS INC.
EPJ9102 PCA-EPJ9102_15 Datasheet
65Kb / 1P
Single USB / RJ-45 Filter Port Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com