Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q16CVZPIP Datasheet(PDF) 11 Page - Winbond

Part # W25Q16CVZPIP
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CVZPIP Datasheet(HTML) 11 Page - Winbond

Back Button W25Q16CVZPIP Datasheet HTML 7Page - Winbond W25Q16CVZPIP Datasheet HTML 8Page - Winbond W25Q16CVZPIP Datasheet HTML 9Page - Winbond W25Q16CVZPIP Datasheet HTML 10Page - Winbond W25Q16CVZPIP Datasheet HTML 11Page - Winbond W25Q16CVZPIP Datasheet HTML 12Page - Winbond W25Q16CVZPIP Datasheet HTML 13Page - Winbond W25Q16CVZPIP Datasheet HTML 14Page - Winbond W25Q16CVZPIP Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
W25Q16CV
Publication Release Date: April 01, 2011
- 11 -
Revision C
5. BLOCK DIAGRAM
Figure 2. W25Q16CV Serial Flash Memory Block Diagram
003000h
0030FFh
002000h
0020FFh
001000h
0010FFh
Column Decode
And 256-Byte Page Buffer
Beginning
Page Address
Ending
Page Address
SPI
Command &
Control Logic
Byte Address
Latch / Counter
Status
Register
Write Control
Logic
Page Address
Latch / Counter
DO (IO1)
DI (IO0)
/CS
CLK
/HOLD (IO3)
/WP (IO2)
High Voltage
Generators
xx0F00h
xx0FFFh
•
Sector 0 (4KB)
•
xx0000h
xx00FFh
xx1F00h
xx1FFFh
•
Sector 1 (4KB)
•
xx1000h
xx10FFh
xx2F00h
xx2FFFh
•
Sector 2 (4KB)
•
xx2000h
xx20FFh
•
•
•
xxDF00h
xxDFFFh
•
Sector 13 (4KB)
•
xxD000h
xxD0FFh
xxEF00h
xxEFFFh
•
Sector 14 (4KB)
•
xxE000h
xxE0FFh
xxFF00h
xxFFFFh
•
Sector 15 (4KB)
•
xxF000h
xxF0FFh
Block Segmentation
Data
Security Register 1 - 3
00FF00h
00FFFFh
•
Block 0 (64KB)
•
000000h
0000FFh
•
•
•
07FF00h
07FFFFh
•
Block 7 (64KB)
•
070000h
0700FFh
08FF00h
08FFFFh
•
Block 8 (64KB)
•
080000h
0800FFh
•
•
•
0FFF00h
0FFFFFh
•
Block 15 (64KB)
•
0F0000h
0F00FFh
10FF00h
10FFFFh
•
Block 16 (64KB)
•
100000h
1000FFh
•
•
•
1FFF00h
1FFFFFh
•
Block 31 (64KB)
•
1F0000h
1F00FFh
000000h
0000FFh
SFDP Register
003000h
0030FFh
002000h
0020FFh
001000h
0010FFh
Column Decode
And 256-Byte Page Buffer
Beginning
Page Address
Ending
Page Address
SPI
Command &
Control Logic
Byte Address
Latch / Counter
Status
Register
Write Control
Logic
Page Address
Latch / Counter
DO (IO1)
DI (IO0)
/CS
CLK
/HOLD (IO3)
/WP (IO2)
High Voltage
Generators
xx0F00h
xx0FFFh
•
Sector 0 (4KB)
•
xx0000h
xx00FFh
xx1F00h
xx1FFFh
•
Sector 1 (4KB)
•
xx1000h
xx10FFh
xx2F00h
xx2FFFh
•
Sector 2 (4KB)
•
xx2000h
xx20FFh
•
•
•
xxDF00h
xxDFFFh
•
Sector 13 (4KB)
•
xxD000h
xxD0FFh
xxEF00h
xxEFFFh
•
Sector 14 (4KB)
•
xxE000h
xxE0FFh
xxFF00h
xxFFFFh
•
Sector 15 (4KB)
•
xxF000h
xxF0FFh
Block Segmentation
Data
Security Register 1 - 3
00FF00h
00FFFFh
•
Block 0 (64KB)
•
000000h
0000FFh
•
•
•
07FF00h
07FFFFh
•
Block 7 (64KB)
•
070000h
0700FFh
08FF00h
08FFFFh
•
Block 8 (64KB)
•
080000h
0800FFh
•
•
•
0FFF00h
0FFFFFh
•
Block 15 (64KB)
•
0F0000h
0F00FFh
10FF00h
10FFFFh
•
Block 16 (64KB)
•
100000h
1000FFh
•
•
•
1FFF00h
1FFFFFh
•
Block 31 (64KB)
•
1F0000h
1F00FFh
000000h
0000FFh
SFDP Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com