Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q64CVZPIP Datasheet(PDF) 69 Page - Winbond

Part # W25Q64CVZPIP
Description  3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q64CVZPIP Datasheet(HTML) 69 Page - Winbond

Back Button W25Q64CVZPIP Datasheet HTML 65Page - Winbond W25Q64CVZPIP Datasheet HTML 66Page - Winbond W25Q64CVZPIP Datasheet HTML 67Page - Winbond W25Q64CVZPIP Datasheet HTML 68Page - Winbond W25Q64CVZPIP Datasheet HTML 69Page - Winbond W25Q64CVZPIP Datasheet HTML 70Page - Winbond W25Q64CVZPIP Datasheet HTML 71Page - Winbond W25Q64CVZPIP Datasheet HTML 72Page - Winbond W25Q64CVZPIP Datasheet HTML 73Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 79 page
background image
W25Q64CV
Publication Release Date: April 01, 2011
- 69 -
Revision C
/CS
CLK
IO
output
8.8 Serial Output Timing
tCLQX
tCLQV
tCLQX
tCLQV
tSHQZ
tCLL
LSB OUT
tCLH
MSB OUT
8.9 Serial Input Timing
/CS
CLK
IO
input
tCHSL
MSB IN
tSLCH
tDVCH
tCHDX
tSHCH
tCHSH
tCLCH
tCHCL
LSB IN
tSHSL
8.10 /HOLD Timing
/CS
CLK
IO
output
/HOLD
tCHHL
tHLCH
tCHHH
tHHCH
tHLQZ
tHHQX
IO
input
8.11 /WP Timing
/CS
CLK
/WP
tWHSL
tSHWL
IO
input
Write Status Register is allowed
Write Status Register is not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com