Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P11T500-R3 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P11T500-R3
Description  TOROIDAL INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P11T500-R3 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P11T500-R3 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TOROIDAL INDUCTOR
• RoHS Compliant Product
• Operating Temp: -55°C to +105°C
• Inductance test @ 1KHz, 0.1V
RMS
• I
RATED: ∆40°C temperature rise max
• Add -V for Vertical Mount, -H for Horizontal Mount after
part number
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P11T500-XXX
0547JW
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.008
.XXX : ±0.004
mm: X,X : ± 0,20 X,XX : ±0,10
ELECTRICAL SPECIFICATION @ 25°C
Part Number
L (µH)
Rated
R
DC
DIM.
DIM.
DIM.
±20%
Current
Max
A
B
C
P11T500-
(A)
( mW )
NOM.
NOM.
NOM.
R3
0.3
28.5
1.0
0.35
0.60
0.059
R5
0.5
24.7
1.2
0.35
0.60
0.059
R8
8
22.1
1.4
0.35
0.60
0.059
1R2
1.2
20.2
1.7
0.35
0.60
0.059
1R5
1.5
18.7
2.0
0.35
0.60
0.059
2R0
2
15.6
2.7
0.34
0.59
0.053
2R7
2.7
14.7
3.0
0.34
0.59
0.053
3R3
3.3
11.1
5.3
0.33
0.58
0.042
3R9
3.9
10.5
5.9
0.33
0.58
0.042
4R7
4.7
10.1
6.4
0.33
0.58
0.042
5R6
5.6
9.7
6.9
0.33
0.58
0.042
6R8
6.8
7.2
13.0
0.31
0.56
0.034
L=±15%
8R2
8.2
7.0
14.0
0.31
0.56
0.034
100
10
6.6
15.0
0.31
0.56
0.034
120
12
6.4
16.0
0.31
0.56
0.034
150
15
4.7
29.0
0.29
0.53
0.027
180
18
4.5
32.0
0.29
0.53
0.027
220
22
4.3
35.0
0.29
0.53
0.027
270
27
4.1
39.0
0.29
0.53
0.027
330
33
3.5
54.0
0.29
0.53
0.024
390
39
3.3
59.0
0.29
0.53
0.024
470
47
3.2
64.0
0.29
0.53
0.024
Mechanical
Schematic
P11T500 SERIES
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com


Similar Part No. - P11T500-R3

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P11T0152 MPSIND-P11T0152 Datasheet
239Kb / 2P
TOROIDAL INDUCTOR
P11T0152-100-2.4 MPSIND-P11T0152-100-2.4 Datasheet
239Kb / 2P
TOROIDAL INDUCTOR
P11T0152-100-4.7 MPSIND-P11T0152-100-4.7 Datasheet
239Kb / 2P
TOROIDAL INDUCTOR
P11T0152-101-2.5 MPSIND-P11T0152-101-2.5 Datasheet
239Kb / 2P
TOROIDAL INDUCTOR
P11T0152-101-4.4 MPSIND-P11T0152-101-4.4 Datasheet
239Kb / 2P
TOROIDAL INDUCTOR
More results

Similar Description - P11T500-R3

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
TBC0806 SUPERWORLD-TBC0806 Datasheet
155Kb / 2P
TOROIDAL INDUCTOR
TBC1307 SUPERWORLD-TBC1307 Datasheet
166Kb / 2P
TOROIDAL INDUCTOR
logo
XFMRS Inc.
XF0010-HO XFMRS-XF0010-HO Datasheet
37Kb / 1P
TOROIDAL INDUCTOR
XF0256-VM100 XFMRS-XF0256-VM100 Datasheet
37Kb / 1P
Toroidal Inductor
logo
MPS Industries, Inc.
P11T80B MPSIND-P11T80B Datasheet
164Kb / 1P
TOROIDAL INDUCTOR
logo
XFMRS Inc.
2XF0250-VP XFMRS-2XF0250-VP Datasheet
50Kb / 1P
TOROIDAL INDUCTOR
XF5126-VM100 XFMRS-XF5126-VM100 Datasheet
37Kb / 1P
Toroidal Inductor
XF4706-HPM XFMRS-XF4706-HPM_15 Datasheet
35Kb / 1P
TOROIDAL INDUCTOR
1XF2206-VO XFMRS-1XF2206-VO Datasheet
63Kb / 1P
TOROIDAL INDUCTOR
2XF1406-VP XFMRS-2XF1406-VP Datasheet
39Kb / 1P
TOROIDAL INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com