Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P52TM12 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P52TM12
Description  COMMON MODE CHOKE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P52TM12 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P52TM12 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
COMMON MODE CHOKE
• RoHS Compliant Product
• Operating Temperature: -40°C to +85°C
• Custom design available
• Hipot: 2000V
RMS (1-2 to 4-3)
• Turns Ratio: 1:1 (1-2 to 4-3)
• Inductance tested @ 1KHz, 0.1V
RMS (1-2, 4-3)
• Polarity: 1 and 4 are in phase
• Polarity: ∆T of 35°C temperature rise at rated I
RMS
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P52TM12-XXX
0547JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015
.XX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
Mechanical
Schematic
ELECTRICAL SPECIFICATION @ 25°C
PART NO
L
RATED
DCR
DIM
DIM
DIM
DIM
DIM
DIM
Min
I
RMS
Max
A
B
CDE
F
P52TM12-
(mH)
(A)
(mW)
Max
Max
±0.010"
±0.010"
Max
±0.005"
103-8
10.0
8
40
1.35
0.70
0.800
0.400
1.30
0.050
702-9
7.00
9
35
1.35
0.70
0.800
0.400
1.30
0.050
502-10
5.00
10
25
1.35
0.70
0.800
0.400
1.30
0.050
202-12
2.00
12
20
1.35
0.70
0.800
0.400
1.30
0.050
102-13
1.00
13
12
1.35
0.70
0.800
0.400
1.30
0.050
501-16
0.50
16
7
1.35
0.70
0.800
0.400
1.30
0.050
251-18
0.25
18
5
1.35
0.70
0.800
0.400
1.30
0.050
P52TM12 SERIES


Similar Part No. - P52TM12

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P52TM16 MPSIND-P52TM16 Datasheet
196Kb / 1P
COMMON MODE CHOKE
P52TM16-122-16 MPSIND-P52TM16-122-16 Datasheet
196Kb / 1P
COMMON MODE CHOKE
P52TM16-123-4 MPSIND-P52TM16-123-4 Datasheet
196Kb / 1P
COMMON MODE CHOKE
P52TM16-203-2.9 MPSIND-P52TM16-203-2.9 Datasheet
196Kb / 1P
COMMON MODE CHOKE
P52TM16-252-12.5 MPSIND-P52TM16-252-12.5 Datasheet
196Kb / 1P
COMMON MODE CHOKE
More results

Similar Description - P52TM12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
T60405-R6123-X213 VACUUMSCHMELZE-T60405-R6123-X213 Datasheet
102Kb / 2P
Common Mode Choke
T60405-R6102-X016 VACUUMSCHMELZE-T60405-R6102-X016 Datasheet
531Kb / 4P
Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com