Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P173D15 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P173D15
Description  SHIELDED SMD POWER INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P173D15 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P173D15 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHIELDED SMD POWER
INDUCTOR
• RoHS Compliant Product
• Operating Temperature: -40°C to +85°C
• Inductance measured : < 100µH : 10KHz, 0.25V
RMS
> 100µH : 1KHz, 0.25V
RMS
• Inductance Tolerance: K=±10%, L=15±%, M=±20%
Add suffix letter for tolerance after the part number
• I
RATED: Max 10% inductance drop and ∆T=40°C Temp Rise
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P173D15-XX
0603JW
Dimensions
Unless otherwise specified, all tolerances are:
mm: X,X : ± 0,38 X,XX : ±0,25
Mechanical
Schematic
P173D15 SERIES
ELECTRICAL SPECIFICATION @ 25°C
Part number
L
DCR
RATED
±20%
Max
I
DC
P173D15-
(µH)
(mW)
(A)
3R3
3.3
66
0.80
3R9
3.9
81
0.75
4R7
4.7
91
0.68
5R6
5.6
102
0.62
6R8
6.8
130
0.58
8R2
8.2
140
0.51
100
10
190
0.46
120
12
205
0.42
150
15
272
0.38
181
18
327
0.34
220
22
356
0.31
270
27
470
0.28
330
33
560
0.26
390
39
700
0.24
470
47
775
0.21
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com


Similar Part No. - P173D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P173 ETC2-P173 Datasheet
47Kb / 2P
KNOBS AND DIAL PLATES
P173 ETC-P173 Datasheet
71Kb / 1P
KNOBS AND DIAL PLATES
More results

Similar Description - P173D15

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com