Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P191 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P191
Description  PASSIVE POWER FACTOR CORRECTION INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P191 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P191 Datasheet HTML 1Page - MPS Industries, Inc. P191 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P191 SERIES
• Designforpowerfactorcorrectionwithhighfluxdensitymaterial
• 20% to 50% smaller than traditional designs
• SwitchingFrequency:32KHzMin.
• ACLineVoltage:265VacMax.
• HighFrequency200kHz–700kHz
• OperatingTemperature:-40°Cto+130°C
• CustomDesignAvailable
ELECTRICAL PARAMETERS @ 25°C
Part Number
P191-
L
(μH ±15%)
R
DC
(Ω MAX)
I
DC
(A)
DIM
A Max
(mm)
DIM
B Max
(mm)
DIM
C Nom
(mm)
DIM
D Nom
(mm)
DIM
E Nom
(mm)
301-1
300
0.50
1.0
21.0
11.0
9.0
18.0
0.40
501-1
500
0.65
1.0
21.0
11.0
9.0
18.0
0.40
751-1
750
0.90
1.0
23.0
12.5
10.0
20.0
0.40
102-1
1000
1.20
1.0
25.0
11.0
9.0
22.5
0.40
152-1
1500
1.20
1.0
27.5
12.5
10.5
25.0
0.40
202-1
2000
2.00
1.0
29.0
13.5
11.0
26.0
0.40
301-2
300
0.32
2.0
26.0
12.0
10.0
23.0
0.60
501-2
500
0.40
2.0
29.0
14.0
11.0
26.0
0.60
751-2
750
0.60
2.0
31.0
17.0
13.0
28.0
0.60
102-2
1000
0.80
2.0
32.0
18.0
14.0
29.0
0.60
152-2
1500
0.85
2.0
34.0
19.0
15.5
30.0
0.60
202-2
2000
0.95
2.0
34.0
19.0
15.5
30.0
0.60
301-3
300
0.20
3.0
30.0
15.0
11.5
26.5
0.80
501-3
500
0.30
3.0
31.0
16.5
12.5
27.5
0.80
751-3
750
0.32
3.0
34.0
18.0
15.5
31.0
0.80
102-3
1000
0.40
3.0
36.0
20.0
16.0
32.0
0.80
152-3
1500
0.43
3.0
43.0
21.0
16.0
39.0
0.80
301-5
300
0.10
5.0
35.0
20.0
16.0
31.5
1.00
501-5
500
0.15
5.0
42.0
17.0
15.0
37.5
1.00
751-5
750
0.18
5.0
47.0
21.0
18.0
43.5
1.00
102-5
1000
0.20
5.0
49.0
23.0
19.0
45.0
1.00
152-5
1500
0.26
5.0
55.0
25.0
20.0
51.5
1.00
301-7
300
0.06
7.0
45.0
23.0
18.0
39.0
1.30
501-7
500
0.10
7.0
51.0
26.0
20.0
46.0
1.30
751-7
750
0.13
7.0
57.0
27.0
21.0
52.5
1.30
102-7
1000
0.18
7.0
57.0
27.0
21.0
52.5
1.30
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
PASSIVE POWER FACTOR
CORRECTION INDUCTORS


Similar Part No. - P191

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
P1913 ATM-P1913 Datasheet
87Kb / 1P
OUTLINE, SMA LINE STRETCHER
P1914 ATM-P1914 Datasheet
87Kb / 1P
OUTLINE, SMA LINE STRETCHER
P1915 ATM-P1915 Datasheet
87Kb / 1P
OUTLINE, SMA LINE STRETCHER
P1916 ATM-P1916 Datasheet
87Kb / 1P
OUTLINE, SMA LINE STRETCHER
P1917 ATM-P1917 Datasheet
87Kb / 1P
OUTLINE, SMA LINE STRETCHER
More results

Similar Description - P191

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
Power Factor Correction
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
Power Factor Correction
logo
MPS Industries, Inc.
P1900 MPSIND-P1900 Datasheet
614Kb / 1P
PASSIVE POWER FACTOR CORRECTION INDUCTORS
P192 MPSIND-P192 Datasheet
457Kb / 1P
POWER FACTOR CORRECTION INDUCTORS
logo
CUI INC
VF-S250-XXA CUI-VF-S250-XXA Datasheet
221Kb / 5P
passive power factor correction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com