Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1601 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P1601
Description  PRECISION SMD INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P1601 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P1601 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
PRECISION SMD INDUCTOR
P1601 SERIES
• High Q Inductor
• Good for high quality oscillator circuit applications
• Operating Temperature: -40°C to +85°C
• RoHS Compliant Product
• Custom design available
Industries
ELECTRICAL PARAMETERS @25°C
Part Number
P1601-
L
(µH)
Tolerance
±%
Q
100KHz, 0.1V
Min
DCR
Max
(Ω)
101
100
3.0
170
0.80
121
120
3.0
170
0.90
151
150
3.0
170
1.00
181
180
3.0
170
1.10
201
200
3.0
170
1.20
221
220
3.0
170
1.30
251
250
3.0
170
1.40
271
270
3.0
180
1.50
301
300
3.0
180
1.60
331
330
3.0
180
1.70
361
360
3.0
180
1.80
391
390
3.0
180
1.90
431
430
2.5
180
2.00
471
470
2.5
180
2.10
501
500
2.5
180
2.20
561
560
2.5
180
2.50
•
Inductance at 100KHz, 0.10VRMS
•
Q measured at 100KHz, 0.10VRMS
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
DIMENSIONS (mm)


Similar Part No. - P1601

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P160 BITECH-P160 Datasheet
284Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi - Ganged available
P160 BITECH-P160 Datasheet
94Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
logo
TT Electronics.
P160 TTELEC-P160 Datasheet
728Kb / 5P
Conductive plastic element
logo
Tripp Lite. All Rights ...
P160-000 TRIPPLITE-P160-000 Datasheet
160Kb / 2P
Compact/Slimline VGA Video Coupler Gender Changer (HD15 F/F)
logo
MPS Industries, Inc.
P1600 MPSIND-P1600 Datasheet
289Kb / 1P
PRECISION SMD INDUCTOR
More results

Similar Description - P1601

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-4-102 DATATRONICS-DR331-4-102 Datasheet
85Kb / 1P
SMD INDUCTOR
DR336-103 DATATRONICS-DR336-103 Datasheet
104Kb / 1P
SMD INDUCTOR
DR353-2-102 DATATRONICS-DR353-2-102 Datasheet
86Kb / 1P
SMD INDUCTOR
DR353-5-121 DATATRONICS-DR353-5-121 Datasheet
91Kb / 2P
SMD INDUCTOR
DR354-3-103-T DATATRONICS-DR354-3-103-T Datasheet
178Kb / 2P
SMD INDUCTOR
DR365-2-332 DATATRONICS-DR365-2-332 Datasheet
93Kb / 1P
SMD INDUCTOR
logo
XFMRS Inc.
XFSMD6-333 XFMRS-XFSMD6-333 Datasheet
40Kb / 1P
SMD Inductor
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
logo
MPS Industries, Inc.
P1600 MPSIND-P1600 Datasheet
289Kb / 1P
PRECISION SMD INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com