Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1900 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P1900
Description  PASSIVE POWER FACTOR CORRECTION INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P1900 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P1900 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P1900 SERIES
• Designed for use in off-line AC-DC pre-regulators circuits for
switching power converters applications
• Lowcorelossandhighfluxdensity
• Insulationclasssystem:B(130°C),F(155°C)orH(180°C)
• DielectricWithstandingVoltage(DWV):2KV
RMS
• OperatingTemperature:-20°Cto+105°C
• RoHSCompliantProduct
• Custom Design Available
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
PASSIVEPOWERFACTOR
CORRECTIONINDUCTORS
ELECTRICAL PARAMETERS @ 25°C
Part
Number
L
(μH MIN)1
Terminal3
(S-F)
DCR
(mΩ MAX)1, 2
I @ 80% L
(ADC)
I @ 65% L
(ADC)
I @ 50% L
(ADC)
I @ 30% L
(ADC)
Pins Dia.
(Ø AWG)
LxWxH
(in. MAX)
PCB
Mounting
Layout
P19000
240
1-5,2-4
28
16.50
37.00
60.00
60.00
14 x 2
2.7x1.0x2.8
V / Fig. 2
P19001
290
1-5,2-4
53
14.80
33.00
53.50
53.50
14 x 2
2.7x1.0x2.8
V / Fig. 2
P19002
400
1-5,2-4
120
10.60
24.00
38.50
38.50
15 x 2
2.6x1.0x2.7
V / Fig. 3
P19003
440
1-5,2-4
55
12.20
27.00
44.00
44.00
15 x 2
2.6x1.0x2.7
V / Fig. 3
P19004
440
1-5,2-4
55
12.20
27.00
44.00
44.00
15 x 2
2.6x2.6x1.0
H/Fig.4
P19005
490
1-5,2-4
118
11.20
25.00
40.50
40.50
15 x 2
2.6x1.0x2.7
V / Fig. 3
P19006
500
1-5,2-4
90
11.40
26.00
41.50
41.50
15 x 2
2.6x1.0x2.7
V / Fig. 3
P19007
820
2-5
95
7.50
17.00
27.00
27.00
14
2.7x1.0x2.8
V / Fig. 1
P19008
1600
2-5
241
6.40
14.00
23.00
23.00
15
2.7x1.0x2.8
V / Fig. 1
P19009
2000
2-5
286
5.70
13.00
20.50
20.50
15
2.7x1.0x2.8
V / Fig. 1
1.Testconditions:10KHz,1V
RMS.
2. Combined resistance of the “
x2” winding.
3.Onlythoseassignedterminalswillhavetheself-leadpins.
DIMENSIONS (mm)
0.85
[21.59]
0.60
[15.24]
1.20
[30.48]
Figure 1
1.00
[25.40]
2.00
[50.80]
0.85
[21.59]
0.50
[12.70]
0.25
[6.35]
6
5
4
1
2
3
5
2
6
1
4
3
1.00
[25.40]
2.00
[50.80]
6
4
1
3
0.85
[21.59]
0.20
[5.08]
1.375
[34.925]
1.575
[40.005]
0.984
[25.000]
Typ.
0.20
[5.08]
Typ.
Ø L
Figure 2
Figure 3
Figure 4
0.18
[4.57]
H
L & W
P19XXXMPSDC
P19XXXMPSDC
2
5
VERTICAL
HORIZONTAL
1
2
1
2
L
H
W
0.18
[4.57]
Ø AWG
1
2
3
1.00
[25.40]
2.00
[50.80]
SCHEMATICS
S
F
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm:X,X:±0,38X,XX:±0,10


Similar Part No. - P1900

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P1900ME TECCOR-P1900ME Datasheet
1Mb / 212P
solid state crowbar devices
logo
Littelfuse
P1900ME LITTELFUSE-P1900ME Datasheet
125Kb / 2P
CATV Line Amplifiers/Power Inserters ME SIDACtor Device
P1900MEL LITTELFUSE-P1900MEL Datasheet
151Kb / 2P
CATV Line Amplifiers/Power Inserters 5 kA SIDACtor짰 Device
P1900MEL LITTELFUSE-P1900MEL Datasheet
134Kb / 4P
Packaged in a robust TO-218 package, the 5kA Series is ideal for use in CATV amplifiers
P1900NE LITTELFUSE-P1900NE Datasheet
124Kb / 2P
CATV Line Amplifiers/Power Inserters NE SIDACtor Device
More results

Similar Description - P1900

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
Power Factor Correction
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
Power Factor Correction
logo
MPS Industries, Inc.
P191 MPSIND-P191 Datasheet
687Kb / 2P
PASSIVE POWER FACTOR CORRECTION INDUCTORS
P192 MPSIND-P192 Datasheet
457Kb / 1P
POWER FACTOR CORRECTION INDUCTORS
logo
CUI INC
VF-S250-XXA CUI-VF-S250-XXA Datasheet
221Kb / 5P
passive power factor correction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com