Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3170 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P3170
Description  FLYBACK POWER TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P3170 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P3170 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Product performance is limited to specified parameter. Data is subject to change without prior notice.
1
ParNumber
Turns Ratio
(Pri.:Sec.:Aux)
Pri. Inductance
(µH ±10%)
Pri. Leakage
Inductance
(µH max.)
Pri. Resonant
Frequency
(MHz min.)
Current RMS
(Amp. typ.)
DCR
(W max.)
@ 130KHz
0.1Vrms
@ 130KHz
0.1Vrms
Pri.
Sec.
Aux.
Pri.
Sec.
Aux.
P3170
18ct:3:2
270
2.5
1.3
1.3
6.2
0.5
.08
.006
.015
ELECTRICAL SPECIFICATION @ 25°C
• Other turns ratios can be developed on request. Please contact MPS Engineering Team for further information.
FLYBACK POWER TRANSFORMER
For use with Power Integrations TOPSwitch-GX
Mechanical
•
Designed for Power Integrations TOP249Y chipset
•
PQ26/20 platform
•
70 Watts power handling capability
•
Minimum interwinding breakdown voltage of 1500Vrms
•
Operating temperature: -20°C to +85°C
•
Materials meet UL94V-0 requirements
P3170
P3170-A
0448TA
Dimensions
Unless otherwise specified, all tolerances are:
.XX ± 0.010” & .XXX ± 0.003”
Inches
[mm]
Schematic
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com
0.87
[22.20]
0.300
[7.62]
0.150
[3.81]
Ø0.04
[Ø0.91]
1.08
[27.43]
MPS
P3170
DC
Pin 1
ID
1.14
[28.96]
1.000
[25.40]
6
7
0.60
[15.17]
0.06
[1.54]
0.81
[20.52]
Suggested PCB Layout
0.900
[22.86]
1.000
[25.40]
1
12
0.300
[7.62]
Bobbin [2]
Tape [10]
Core [1]
Cu Foil Tape
[7]
Sec.
Aux.
6
5
3
11
8
core contact
Pri.
1
2
12
9


Similar Part No. - P3170

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P3176 ETAL-P3176 Datasheet
117Kb / 4P
ULTRA LOW DISTORTION LINE MATCHING TRANSFORMER
More results

Similar Description - P3170

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3127-X PCA-EPC3127-X Datasheet
46Kb / 1P
Flyback Power Transformer
EPC3129-X PCA-EPC3129-X Datasheet
39Kb / 1P
Flyback Power Transformer
EPC3166-1 PCA-EPC3166-1 Datasheet
46Kb / 1P
Flyback Power Transformer
EPC3168G-1 PCA-EPC3168G-1 Datasheet
27Kb / 1P
Flyback Power Transformer
EPC3169-3 PCA-EPC3169-3 Datasheet
45Kb / 1P
Flyback Power Transformer
EPC3130-X PCA-EPC3130-X_08 Datasheet
25Kb / 1P
Flyback Power Transformer
EPC3127-X PCA-EPC3127-X_07 Datasheet
26Kb / 1P
Flyback Power Transformer
EPC3130-X PCA-EPC3130-X_15 Datasheet
25Kb / 1P
Flyback Power Transformer
EPC3166-X PCA-EPC3166-X_15 Datasheet
46Kb / 1P
Flyback Power Transformer
EPC3169-X PCA-EPC3169-X_15 Datasheet
45Kb / 1P
Flyback Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com