Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9101 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P9101
Description  CCFL TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P9101 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P9101 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
CCFL TRANSFORMER
P9101 SERIES
• Output power up to 6 Watts
• Designed for 40KHz - 100KHz LCD backlight applications
• AddSchematicSuffixLetterafterthePartNo.(Example:
P9101-1AforSchematicA)
• Operating Temperature: -40°C to +85°
• RoHS compliant product
Industries
ELECTRICAL PARAMETERS @25°C
Part Number
P9101-
Pri
OCL
Nom
(µH)
DCR
Max
(Ω)
Vpri
Volt
Turns Ratio
Isec (7-10)
Max
(mA)
Sec (7-10)
DCR
Max
(Ω)
Fb
DCR
Max
(Ω)
Pri: Sec
±5%
Pri: Fb
±5%
1
44
0.22
23
1:67
1:0.19
5
285
0.10
2
44
0.16
20
1:67
1:0.17
11
176
0.10
3
44
0.22
32
1:50
1:0.14
7
165
0.10
4
44
0.16
26
1:50
1:0.17
11
132
0.10
5
31
0.13
18
1:86
1:0.21
11
176
0.10
6
40
0.18
17
1:93
1:0.25
11
176
0.10
7
22
0.13
16
1:100
1:0.25
11
176
0.10
8
20
0.13
13
1:100
1:0.17
11
176
0.10
9
20
0.13
13
1:125
1:0.25
11
291
0.10
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
DIMENSIONS
Inductancemeasured@100KHz,0.1VRMSforbothhalvesPrimary(Example:1-3,1-5)
Hipot:1500VRMS,5seconds(PriandFbtoSec);SchematicDis500VRMS
SCHEMATIC A
SCHEMATIC B
SCHEMATIC C


Similar Part No. - P9101

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
P910-L FUJITSU-P910-L Datasheet
154Kb / 9P
FUJITSU Desktop ESPRIMO P910-L
More results

Similar Description - P9101

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SDH1503-03 FRONTIER-SDH1503-03 Datasheet
118Kb / 1P
CCFL Inverter Transformer
SDH2010-02 FRONTIER-SDH2010-02 Datasheet
46Kb / 1P
CCFL Inverter Transformer
SEC2021-01 FRONTIER-SEC2021-01 Datasheet
127Kb / 1P
CCFL Inverter Transformer
SEH1936-01 FRONTIER-SEH1936-01 Datasheet
141Kb / 1P
CCFL Inverter Transformer
SIH0901-01 FRONTIER-SIH0901-01 Datasheet
121Kb / 1P
CCFL Inverter Transformer
SIH1510-02 FRONTIER-SIH1510-02 Datasheet
43Kb / 1P
CCFL Inverter Transformer
logo
Coilcraft lnc.
FA2786-BL COILCRAFT-FA2786-BL Datasheet
106Kb / 1P
CCFL Transformer
logo
Bourns Electronic Solut...
PM61300-1-RC BOURNS-PM61300-1-RC_12 Datasheet
203Kb / 1P
SMD CCFL Transformer
logo
Coilcraft lnc.
FA2786 COILCRAFT-FA2786_13 Datasheet
89Kb / 1P
CCFL Transformer
logo
XFMRS Inc.
XF1900-UI97 XFMRS-XF1900-UI97 Datasheet
46Kb / 1P
CCFL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com