Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P62702F Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P62702F
Description  PUSH-PULL TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P62702F Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P62702F Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PUSH-PULL TRANSFORMER
• RoHS compliant
• UL60950-1 compliant to reinforced insulation with
working voltage of 100V
• Operating frequency range: 200 ~ 250MHz
• Low profile EFD20 platform
Mechanical
Schematic
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P6270XF-1
0523TH
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances
are:
.XX ± 0.010” & .XXX ± 0.004”
Inches
[mm]
ELECTRICAL SPECIFICATION @ 25°C
Part Number
Turns Ratio
(±2%)
Pri. OCL
(µH min.)
Leakage
Inductance
(µH max.)
DCR
(W max.)
Isolation
(mA max.)
@10KHz
0.1Vrms
@100KHz
0.1Vrms
2-4
3-5
8-10
9-11
@ 750Vrms
1 minute
P62701F
1:2.4
90
1.0
.018
.018
.065
.065
0.5
P62702F
1:2.4
90
0.3
.030
.030
.085
.085
0.5
Suggested Pad Layout
.005 [0.13]
MPS
P6270XF
D.C.
0.85
[21.50]
max.
0.85
[21.50]
0.42
[10.60]
max.
1.15
[29.2]
max.
0.08
[2.05]
1.03
[26.08]
0°~8°
0.591
[15.00]
0.118
[3.00]
0.017
[0.44]
0.028
[0.70]
0.118
[3.00]
0.047
[1.20]
0.94
[23.80]
1.19
[30.20]
8
Pri.
Sec.
10
7
9
2
4
3
5
6
11
Shield 1
Shield 2


Similar Part No. - P62702F

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P620-00DC PLL-P620-00DC Datasheet
208Kb / 7P
Low Phase Noise XO with multipliers (for HF Fund. and 3rd O.T.)
logo
List of Unclassifed Man...
P620-05OC ETC1-P620-05OC Datasheet
266Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
logo
PhaseLink Corporation
P620-05OC PLL-P620-05OC Datasheet
265Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
logo
List of Unclassifed Man...
P620-05OCL ETC1-P620-05OCL Datasheet
266Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
logo
PhaseLink Corporation
P620-05OCL PLL-P620-05OCL Datasheet
265Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
More results

Similar Description - P62702F

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1128 RHOMBUS-IND-T-1128 Datasheet
35Kb / 1P
350W PUSH PULL TRANSFORMER
9/03/98
T-1066 RHOMBUS-IND-T-1066 Datasheet
22Kb / 1P
Push Pull Transformer
05/2/98
T-1183 RHOMBUS-IND-T-1183 Datasheet
20Kb / 1P
PUSH PULL Transformer
T-1386 RHOMBUS-IND-T-1386 Datasheet
27Kb / 1P
Push-Pull Transformer
T-1442 RHOMBUS-IND-T-1442 Datasheet
31Kb / 1P
Push-Pull Transformer
07/6/01
logo
PCA ELECTRONICS INC.
EPC3117S-X-LF PCA-EPC3117S-X-LF_15 Datasheet
26Kb / 1P
Push-Pull Low Power Transformer
logo
VACUUMSCHMELZE GmbH & C...
T60402-C4615-X065 VACUUMSCHMELZE-T60402-C4615-X065 Datasheet
49Kb / 2P
Push Pull Transformer
T60402-C4615-X070 VACUUMSCHMELZE-T60402-C4615-X070 Datasheet
257Kb / 2P
Push-Pull Transformer
logo
Wurth Elektronik GmbH &...
750317331 WURTH-750317331 Datasheet
753Kb / 7P
WE-PPTI Push-Pull Transformer
006.000
750343341 WURTH-750343341 Datasheet
646Kb / 7P
WE-PPTI Push-Pull Transformer
003.001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com