Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS63-R47M Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PS63-R47M
Description  SHIELDED SMD POWER INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PS63-R47M Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PS63-R47M Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHIELDED SMD POWER
INDUCTOR
• High current inductor for Voltage Regulated Module (VRM)
• Good for DC/DC converter and switch-mode power supply
applications
• High current in compact package
• Operating temperature: -55°C to +120°C
• RoHS Compliant Product
Product performance is limited to specified parameter. Data is subject to change without prior notice.
PS63-SERIES
0852AL
UNIT = inch/mm
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015
.XXX : ±0.010
mm: X,X : ± 0,38 X,XX : ±0,25
PS63 SERIES
Mechanical
ELECTRICAL PARAMETERS @ 25°C
PART NUMBER
L
ISAT
I
RMS
DCR
±20%
(A)
(A)
(mW)
PS63-
(µH)
Max
Max
Max
R47M
0.47
19.00
15.0
3.4
R68M
0.68
18.50
13.0
4.6
R82M
0.82
18.00
10.5
6.6
1R0M
1.00
17.50
9.5
6.9
1R5M
1.50
16.00
9.0
10.7
2R2M
2.20
14.50
8.0
13.9
3R3M
3.30
11.00
6.0
28.2
4R7M
4.70
7.50
5.0
38.8
6R8M
6.80
6.50
4.5
48.9
8R2M
8.20
6.00
4.0
55.9
100M
10.00
5.00
3.5
84.0
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com


Similar Part No. - PS63-R47M

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PS6 DBLECTRO-PS6 Datasheet
365Kb / 2P
Monostable or bistable relays Single and double Coil magnet latching Type available
logo
Copal Electronics
PS6 COPAL-PS6 Datasheet
1Mb / 4P
ELECTRONIC PRESSURE SWITCH
PS6-102G-NAM COPAL-PS6-102G-NAM Datasheet
100Kb / 4P
PRESSURE SWITCHES WITH GAUGE
PS6-102G-NAR COPAL-PS6-102G-NAR Datasheet
100Kb / 4P
PRESSURE SWITCHES WITH GAUGE
PS6-102G-NWM COPAL-PS6-102G-NWM Datasheet
100Kb / 4P
PRESSURE SWITCHES WITH GAUGE
More results

Similar Description - PS63-R47M

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com