Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P177032C331M Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # P177032C331M
Description  SHIELDED SMD POWER INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P177032C331M Datasheet(HTML) 2 Page - MPS Industries, Inc.

  P177032C331M Datasheet HTML 1Page - MPS Industries, Inc. P177032C331M Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
SHIELDED SMD
POWER INDUCTOR
P177032C SERIES
Industries
DIMENSIONS
A = 7.0 ± 0.2
mm
B = 7.0 ± 0.2
mm
C = 3.4 max
mm
D = 6.8 ± 0.3
mm
E = 4.5 ref
mm
F = 2.0 ref
mm
G = 1.0 ref
mm
INDUCTANCE CURVE VS. CURRENT (6.8μHsamplereading)
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
TEMPERATURE CURVE VS. CURRENT (6.8μHsamplereading)
EPOXY
6R8
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
0A
0.45A
0.9A
1.35A
1.6A
2.25A
2.7A
DC CURRENT(A)
INDUCTANCE CURVE VS.CURRENT
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
45.00
0A
0.55A
1.1A
1.6A
2.2A
2.75A
3.3A
DC CURRENT(A)
TEMPER TURE RISE CURVE VS.CURRENT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com