Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSE124-R60M Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PSE124-R60M
Description  SHIELDED SMD POWER INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PSE124-R60M Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PSE124-R60M Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHIELDED SMD POWER
INDUCTOR
Product performance is limited to specified parameter. Data is subject to change without prior notice.
PSE124-SERIES
0852AL
UNIT = inch/mm
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015
.XXX : ±0.010
mm: X,X : ± 0,38 X,XX : ±0,25
PSE124 SERIES
• High current inductor for Voltage Regulated Module (VRM)
• Good for DC/DC converter and switch-mode power supply
applications
• High current in compact package
• Operating temperature: -55°C to +120°C
• RoHS Compliant Product
ELECTRICAL PARAMETERS @ 25°C
PART NUMBER
L
ISAT
I
RMS
DCR
±20%
(A)
(A)
(mW)
PSE124-
(µH)
Max
Temp. Rise 40°C Max.
Max
R33M
0.33
62
36.5
1.5
R47M
0.47
55
32
2.0
R60M
0.60
51
29
2.2
R68M
0.68
49
28
2.5
R82M
0.82
44
25
3.0
1R0M
1.00
40
24
3.5
1R5M
1.50
35
19
5.5
1R8M
1.80
30
16.5
7.0
2R2M
2.20
29
16
8.0
Mechanical
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com


Similar Part No. - PSE124-R60M

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSE100 POWERBOX-PSE100 Datasheet
560Kb / 2P
60 - 100 WATTS DC/DC SINGLE OUTPUT
logo
Emerson Network Power
PSE1000-PFC EMERSON-NETWORKPOWER-PSE1000-PFC Datasheet
493Kb / 4P
1000 W output power
logo
Artesyn Technologies
PSE1000PFC ARTESYN-PSE1000PFC Datasheet
493Kb / 4P
Embedded Power for Business-Critical Continuity
logo
Powerbox
PSE100A13.2 POWERBOX-PSE100A13.2 Datasheet
560Kb / 2P
60 - 100 WATTS DC/DC SINGLE OUTPUT
PSE100A15 POWERBOX-PSE100A15 Datasheet
560Kb / 2P
60 - 100 WATTS DC/DC SINGLE OUTPUT
More results

Similar Description - PSE124-R60M

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com