Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSM63-R15M Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PSM63-R15M
Description  SHIELDED SMD POWER INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PSM63-R15M Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PSM63-R15M Datasheet HTML 1Page - MPS Industries, Inc. PSM63-R15M Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
SHIELDED SMD
POWER INDUCTOR
PSM63 SERIES
• High current inductor for VRM
• Lowprofile(3.0mmheight)
• High current handling capacity
• Inductance range from 0.10 to 10.0 µH
• Operating temperature range: -55oC to +125oC
• RoHS compliant product
Industries
ELECTRICAL SPECIFICATION @ 25OC
Part Number
PSM63-
Inductance
(µH)
±20%
DCR
(mΩ)
Typ
DCR
(mΩ)
Max
I
DC
(A)
Max
I
SAT
(A)
Max
R10M
0.10
1.5
1.7
32.5
60.0
R15M
0.15
1.9
2.5
30.0
45.0
R20M
0.20
2.4
2.8
24.0
41.0
R22M
0.22
2.5
3.0
23.0
40.0
R33M
0.33
3.5
3.9
20.0
30.0
R36M
0.36
3.6
3.9
20.0
26.0
R47M
0.47
4.0
4.2
17.5
26.0
R56M
0.56
4.7
5.0
16.5
25.5
R68M
0.68
5.0
5.5
15.5
25.0
R82M
0.82
6.7
8.0
13.0
24.0
1R0M
1.0
9.0
10
11.0
22.0
1R5M
1.5
14
15
9.0
18.0
2R2M
2.2
18
20
8.0
14.0
2R5M
2.5
20
22
7.0
14.0
3R3M
3.3
28
30
6.0
13.5
4R7M
4.7
37
40
5.5
10.0
5R6M
5.6
39
42
5.5
6.0
6R8M
6.8
54
60
4.5
8.0
7R5M
7.5
54
60
4.2
7.8
8R2M
8.2
64
68
4.0
7.5
100M
10.0
102
105
3.0
7.0
• Inductance measured at 100kHz / 0.1V
RMS
• I
DC:DCcurrent(A)atwhichtheΔTof40°Cincreasetypical
• I
SAT:DCcurrent(A)foraΔLdrop30%typicalfrominitialvalue
• Inductance tolerance M=20%
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.010
.XXX : ±0.005
mm: X,X : ±0,254
X,XX : ±0,13


Similar Part No. - PSM63-R15M

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSM6 POWERSEM-PSM6 Datasheet
69Kb / 1P
Silicon Power Diode
PSM60 POWERSEM-PSM60 Datasheet
78Kb / 1P
Silicon Power Diode
PSM60K POWERSEM-PSM60K Datasheet
78Kb / 1P
Silicon Power Diode
PSM60L POWERSEM-PSM60L Datasheet
78Kb / 1P
Silicon Power Diode
More results

Similar Description - PSM63-R15M

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com