Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7X1008M-R82 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # R7X1008M-R82
Description  ENCAPSULATION MOLDED CHIP INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

R7X1008M-R82 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  R7X1008M-R82 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ENCAPSULATION
MOLDED CHIP INDUCTOR
• RoHS Compliant Product
• Ordering Code: R7X1008M-XXX ( J, K Tolerance)
• Inductance Tolerance: J = ±5%, K = ±10%
(K is standard tolerance)
• Package: Tape and Reel is the standard, 2000 pcs per reel
• Operating Temperature: -40°C to +85°C
Product performance is limited to specified parameter. Data is subject to change without prior notice.
R7X1008M-XXX
0606JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.008 .XXX : ±0.004
mm: X,X : ± 0,20 X,XX : ±0,10
Mechanical
Schematic
R7X1008M SERIES
ELECTRICAL SPECIFICATION @ 25°C
Part Number
L
Q
L.Q Test
SRF
R
DC
I
DC
Min
Freq.
Min
Max
Max
R7X1008M-
(µH)
(MHz)
(MHz)
( W )
R22
0.22
25
25.2
230
0.70
190
R27
0.27
25
25.2
210
0.75
180
R33
0.33
25
25.2
190
0.85
170
R39
0.39
25
25.2
175
0.95
160
R47
0.47
25
25.2
160
1.00
155
R56
0.56
25
25.2
150
1.10
150
R68
0.68
25
25.2
135
1.25
140
R82
0.82
25
25.2
125
1.40
130
1R0
1.00
25
7.96
115
0.65
195
1R2
1.2
25
7.96
100
0.75
180
1R5
1.5
25
7.96
90
0.85
170
1R8
1.8
25
7.96
85
0.95
160
2R2
2.2
25
7.96
80
1.05
155
2R7
2.7
25
7.96
75
1.20
145
3R3
3.3
25
7.96
65
1.30
135
3R9
3.9
25
7.96
60
1.40
130
4R7
4.7
25
7.96
55
1.55
125
5R6
5.6
25
7.96
50
1.75
120
6R8
6.8
25
7.96
45
1.95
115
8R2
8.2
25
7.96
40
2.20
105
100
10
25
2.52
32
3.50
80
120
12
25
2.52
30
3.80
75
150
15
25
2.52
28
4.40
70
180
18
25
2.52
25
5.00
65
220
22
252.52225.8060
270
27
20
2.52
21
6.30
115
330
33
202.52207.10
110
390
39
20
2.52
18
9.50
90
470
47
202.52
17
11.080
560
56
20
2.52
16
12.1
75
680
68
202.52
1516.6
70
820
82
202.52
1319.0
65
101
100
15
0.79
12
21.0
60
A
B
CDE
0.10
0.08
0.07
0.09
0.020
2,5
2,0
1,8
2,2
0,50
FH
I
J
0.048
0.059
0.025
0.060
1,20
1,50
0,64
1,53


Similar Part No. - R7X1008M-R82

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R7X1210M MPSIND-R7X1210M Datasheet
160Kb / 1P
ENCAPSULATION MOLDED CHIP INDUCTOR
R7X1210M-100 MPSIND-R7X1210M-100 Datasheet
160Kb / 1P
ENCAPSULATION MOLDED CHIP INDUCTOR
R7X1210M-101 MPSIND-R7X1210M-101 Datasheet
160Kb / 1P
ENCAPSULATION MOLDED CHIP INDUCTOR
R7X1210M-120 MPSIND-R7X1210M-120 Datasheet
160Kb / 1P
ENCAPSULATION MOLDED CHIP INDUCTOR
R7X1210M-121 MPSIND-R7X1210M-121 Datasheet
160Kb / 1P
ENCAPSULATION MOLDED CHIP INDUCTOR
More results

Similar Description - R7X1008M-R82

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LCM1210R2 ETC-LCM1210R2 Datasheet
15Kb / 1P
Molded Chip Inductor
LSWM-453232 ETC2-LSWM-453232 Datasheet
28Kb / 1P
Wound Molded Chip Inductor
LSWM-322522 ETC2-LSWM-322522 Datasheet
24Kb / 1P
Wound Molded Chip Inductor
logo
Caliber Electronics Inc...
LSWM-322522 CALIBER-LSWM-322522 Datasheet
25Kb / 1P
Wound Molded Chip Inductor
LSWM-453232 CALIBER-LSWM-453232 Datasheet
29Kb / 1P
Wound Molded Chip Inductor
logo
MPS Industries, Inc.
R7X1210M MPSIND-R7X1210M Datasheet
160Kb / 1P
ENCAPSULATION MOLDED CHIP INDUCTOR
logo
List of Unclassifed Man...
SM6227JT62R0 ETC2-SM6227JT62R0 Datasheet
130Kb / 2P
High temperature molded encapsulation
SM6227FT1R00 ETC2-SM6227FT1R00 Datasheet
131Kb / 2P
High temperature molded encapsulation
SM2615FTR845 ETC2-SM2615FTR845 Datasheet
131Kb / 2P
High temperature molded encapsulation
logo
Vishay Siliconix
WSRHP VISHAY-WSRHP Datasheet
103Kb / 4P
Molded high temperature encapsulation
21-Oct-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com