Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF642 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF642
Description  Broadband power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF642 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF642 Datasheet HTML 1Page - NXP Semiconductors BLF642 Datasheet HTML 2Page - NXP Semiconductors BLF642 Datasheet HTML 3Page - NXP Semiconductors BLF642 Datasheet HTML 4Page - NXP Semiconductors BLF642 Datasheet HTML 5Page - NXP Semiconductors BLF642 Datasheet HTML 6Page - NXP Semiconductors BLF642 Datasheet HTML 7Page - NXP Semiconductors BLF642 Datasheet HTML 8Page - NXP Semiconductors BLF642 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BLF642
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 22 July 2011
2 of 12
NXP Semiconductors
BLF642
Broadband power LDMOS transistor
1.3 Applications
Communication transmitter applications in the HF to 1400 MHz frequency range
Industrial applications in the HF to 1400 MHz frequency range
2.
Pinning information
[1]
Connected to flange
3.
Ordering information
4.
Limiting values
5.
Thermal characteristics
[1]
Rth(j-c) is measured under RF conditions.
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1drain
2gate
3source
[1]
1
2
3
sym112
1
3
2
Table 3.
Ordering information
Type number Package
Name Description
Version
BLF642
-
flanged LDMOST ceramic package; 2 mounting holes; 2 leads SOT467C
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
65
V
VGS
gate-source voltage
0.5
+11
V
Tstg
storage temperature
65
+150
C
Tj
junction temperature
-
200
C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction to case
Tcase = 80 C; PL = 35 W
[1] 1.6
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com