Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7X1210M-R22 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # R7X1210M-R22
Description  ENCAPSULATION MOLDED CHIP INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

R7X1210M-R22 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  R7X1210M-R22 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ENCAPSULATION
MOLDED CHIP INDUCTOR
• RoHS Compliant Product
• Ordering Code: R7X1210M-XXX( J, K Tolerance)
• Inductance Tolerance: J = ±5%, K = ±10%
(K is standard tolerance)
• Package: Tape and Reel is the standard, 2000 pcs per reel
• Operating Temperature: -40°C to +85°C
Product performance is limited to specified parameter. Data is subject to change without prior notice.
R7X1210M-XXX
0606JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.008 .XXX : ±0.004
mm: X,X : ± 0,20 X,XX : ±0,10
Mechanical
Schematic
R7X1210M SERIES
ELECTRICAL SPECIFICATION @ 25°C
Part Number
L
Q
L.Q Test
SRF
R
DC
I
DC
Min
Freq.
Min
Max
Max
R7X1210M-
(µH)
(MHz)
(MHz)
( W )(mA)
R12
0.12
30
25.2
500
0.22
450
R15
0.15
30
25.2
450
0.25
450
R18
0.18
30
25.2
400
0.28
450
R22
0.22
30
25.2
350
0.32
450
R27
0.27
30
25.2
320
0.36
450
R33
0.33
30
25.2
300
0.40
450
R39
0.39
30
25.2
250
0.45
450
R47
0.47
30
25.2
220
0.50
450
R56
0.56
30
25.2
180
0.55
450
R68
0.68
30
25.2
160
0.60
450
R82
0.82
30
25.2
140
0.65
450
1R0
1.00
30
7.96
120
0.70
400
1R2
1.2
30
7.96
100
0.75
390
1R5
1.5
30
7.96
85
0.85
370
1R8
1.8
30
7.96
80
0.90
350
2R2
2.2
30
7.96
75
1.00
320
2R7
2.7
30
7.96
70
1.10
290
3R3
3.3
30
7.96
60
1.20
260
3R9
3.9
30
7.96
55
1.30
250
4R7
4.7
30
7.96
50
1.50
220
5R6
5.6
30
7.96
47
1.60
200
6R8
6.8
30
7.96
43
1.80
200
8R2
8.2
30
7.96
40
2.00
180
100
10
30
2.52362.10
170
120
12
30
2.52332.50
150
150
15
30
2.52282.80
140
180
18
30
2.52253.30
130
220
22
30
2.52233.70
120
270
27
30
2.52
18
5.00
110
330
33
30
2.52
17
2.60
80
390
39
30
2.52
16
6.40
70
470
47
30
2.52
15
7.00
65
560
56
30
2.52
13
8.00
60
680
68
30
2.52
12
9.00
55
820
82
302.52
1110.0
50
101
100
20
0.79
10
11.0
45
121
120
20
0.79
10
12.0
40
151
150
20
0.79
8
15.0
70
181
180
20
0.79
7
17.0
65
221
220
20
0.79
7
21.0
60
AB
C
D
E
0.126±0.012
0.10
0.09
0.12
0.030
3,20±0,30
2,5
2,2
2,9
0,75
FH
I
J
0.040
0.056
0.036
0.080
1,00
1,40
0,90
2,00


Similar Part No. - R7X1210M-R22

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R7X1008M MPSIND-R7X1008M Datasheet
160Kb / 1P
ENCAPSULATION MOLDED CHIP INDUCTOR
R7X1008M-100 MPSIND-R7X1008M-100 Datasheet
160Kb / 1P
ENCAPSULATION MOLDED CHIP INDUCTOR
R7X1008M-101 MPSIND-R7X1008M-101 Datasheet
160Kb / 1P
ENCAPSULATION MOLDED CHIP INDUCTOR
R7X1008M-120 MPSIND-R7X1008M-120 Datasheet
160Kb / 1P
ENCAPSULATION MOLDED CHIP INDUCTOR
R7X1008M-150 MPSIND-R7X1008M-150 Datasheet
160Kb / 1P
ENCAPSULATION MOLDED CHIP INDUCTOR
More results

Similar Description - R7X1210M-R22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LCM1210R2 ETC-LCM1210R2 Datasheet
15Kb / 1P
Molded Chip Inductor
LSWM-453232 ETC2-LSWM-453232 Datasheet
28Kb / 1P
Wound Molded Chip Inductor
LSWM-322522 ETC2-LSWM-322522 Datasheet
24Kb / 1P
Wound Molded Chip Inductor
logo
Caliber Electronics Inc...
LSWM-322522 CALIBER-LSWM-322522 Datasheet
25Kb / 1P
Wound Molded Chip Inductor
LSWM-453232 CALIBER-LSWM-453232 Datasheet
29Kb / 1P
Wound Molded Chip Inductor
logo
MPS Industries, Inc.
R7X1008M MPSIND-R7X1008M Datasheet
160Kb / 1P
ENCAPSULATION MOLDED CHIP INDUCTOR
logo
List of Unclassifed Man...
SM6227JT62R0 ETC2-SM6227JT62R0 Datasheet
130Kb / 2P
High temperature molded encapsulation
SM6227FT1R00 ETC2-SM6227FT1R00 Datasheet
131Kb / 2P
High temperature molded encapsulation
SM2615FTR845 ETC2-SM2615FTR845 Datasheet
131Kb / 2P
High temperature molded encapsulation
logo
Vishay Siliconix
WSRHP VISHAY-WSRHP Datasheet
103Kb / 4P
Molded high temperature encapsulation
21-Oct-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com