Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA200 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 24Page - NXP Semiconductors KMA200 Datasheet HTML 25Page - NXP Semiconductors KMA200 Datasheet HTML 26Page - NXP Semiconductors KMA200 Datasheet HTML 27Page - NXP Semiconductors KMA200 Datasheet HTML 28Page - NXP Semiconductors KMA200 Datasheet HTML 29Page - NXP Semiconductors KMA200 Datasheet HTML 30Page - NXP Semiconductors KMA200 Datasheet HTML 31Page - NXP Semiconductors KMA200 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
KMA200
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 7 December 2011
28 of 33
NXP Semiconductors
KMA200
Programmable angle sensor
18. Package outline
Fig 13. Package outline SOT637
UNIT
bp
c
v
L2
min.
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
1.65
1.45
0.41
0.34
bp1
1.57
1.47
bp2
0.31
0.24
8.1
7.9
4.1
3.9
0.30
0.24
4.75
E1
L1
0.5
45
°
L
7.1
6.9
0.85
0.75
L3
0.7
0.5
DD1
2.55
0.35
D2
D3
(1)
max.
0.2
R
max.
0.95
L4
(1)
max.
5.45
5.25
E
0.85
0.65
F
3.275
3.075
F1
1.27
21.4
21.0
HE
6.42
6.32
5.85
HE1
HE2
max.
e
1.2
Q1
0.65
0.55
DIMENSIONS (mm are the original dimensions)
SOT637
02-01-18
04-12-10
0
2.5
5 mm
scale
A
e
E
D2
F
D3(1)
D3(1)
HE1
HE2
F1
L1
L
bp1
D
R
D1
L3
L4(1)
HE
E1
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic between and besides the leads.
L2
bp
bp2
c
123
4
5
Q1
Q1
A
A
SOT637
Plastic single-ended multi-chip package; 6 interconnections; 5 in-line leads
α
α
SENSOR DIE POSITION
*
centre of reading point
B
A
view A-B
A
0.4
vA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com