Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS33DETR Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS33DETR
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS33DETR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS33DETR Datasheet HTML 2Page - STMicroelectronics LIS33DETR Datasheet HTML 3Page - STMicroelectronics LIS33DETR Datasheet HTML 4Page - STMicroelectronics LIS33DETR Datasheet HTML 5Page - STMicroelectronics LIS33DETR Datasheet HTML 6Page - STMicroelectronics LIS33DETR Datasheet HTML 7Page - STMicroelectronics LIS33DETR Datasheet HTML 8Page - STMicroelectronics LIS33DETR Datasheet HTML 9Page - STMicroelectronics LIS33DETR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Block diagram and pin description
LIS33DE
6/31
Doc ID 15596 Rev 1
1
Block diagram and pin description
1.1
Block diagram
Figure 1.
Block diagram
1.2
Pin description
Figure 2.
Pin connection
CHARGE
AMPLIFIER
MUX
Y+
Z+
Y-
Z-
a
X+
X-
I2C
SPI
CS
SCL/SPC
SDA/SDO/SDI
SDO
CONTROL LOGIC
&
INTERRUPT GEN.
INT
CLOCK
TRIMMING
CIRCUITS
REFERENCE
SELF TEST
CONTROL LOGIC
A/D
CONVERTER
(TOP VIEW)
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
1
5
9
13
(BOTTOM VIEW)
Y
1
X
Z
Pin 1 indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com