Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DLTR Datasheet(PDF) 36 Page - STMicroelectronics

Part # LSM330DLTR
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLTR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LSM330DLTR Datasheet HTML 32Page - STMicroelectronics LSM330DLTR Datasheet HTML 33Page - STMicroelectronics LSM330DLTR Datasheet HTML 34Page - STMicroelectronics LSM330DLTR Datasheet HTML 35Page - STMicroelectronics LSM330DLTR Datasheet HTML 36Page - STMicroelectronics LSM330DLTR Datasheet HTML 37Page - STMicroelectronics LSM330DLTR Datasheet HTML 38Page - STMicroelectronics LSM330DLTR Datasheet HTML 39Page - STMicroelectronics LSM330DLTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
Registers description
LSM330DL
36/54
Doc ID 022018 Rev 1
The Interrupt 1 source register is a read-only register.
Reading at this address clears the INT1_SRC_A IA bit (and the interrupt signal on the
INT1_A pin) and allows the refreshment of data in the INT1_SRC_A register if the latched
option was chosen.
7.16
INT1_THS_A (32h)
7.17
INT1_DURATION_A (33h)
The D6 - D0 bits set the minimum duration of the Interrupt 1 event to be recognized. The
duration of the steps and maximum values depend on the ODR chosen.
7.18
CLICK_CFG _A (38h)
XH
X high. Default value: 0
(0: no interrupt, 1: X high event has occurred)
XL
X low. Default value: 0
(0: no interrupt, 1: X low event has occurred)
Table 46.
INT1_SRC_A description
Table 47.
INT1_THS_A register
0(1)
1.
This bit has to be set to ‘0’ for correct operation.
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 48.
INT1_THS_A description
THS6 - THS0
Interrupt 1 threshold. Default value: 000 0000
Table 49.
INT1_DURATION_A register
0(1)
1.
This bit has to be set to ‘0’ for correct operation.
D6
D5
D4
D3
D2
D1
D0
Table 50.
INT1_DURATION_A description
D6 - D0
Duration value. Default value: 000 0000
Table 51.
CLICK_CFG_A register
--
--
ZD
ZS
YD
YS
XD
XS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com