Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP34DB01 Datasheet(PDF) 13 Page - STMicroelectronics

Part # MP34DB01
Description  MEMS audio sensor omnidirectional digital microphone
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DB01 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button MP34DB01 Datasheet HTML 7Page - STMicroelectronics MP34DB01 Datasheet HTML 8Page - STMicroelectronics MP34DB01 Datasheet HTML 9Page - STMicroelectronics MP34DB01 Datasheet HTML 10Page - STMicroelectronics MP34DB01 Datasheet HTML 11Page - STMicroelectronics MP34DB01 Datasheet HTML 12Page - STMicroelectronics MP34DB01 Datasheet HTML 13Page - STMicroelectronics MP34DB01 Datasheet HTML 14Page - STMicroelectronics MP34DB01 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP34DB01
Package mechanical data
Doc ID 17924 Rev 5
13/15
Figure 7.
RHLGA 3 mm x 4 mm x 1 mm 4-lead package outline
TOP VIEW
BOTTOM VIEW
1
2
3
4
A1
C
KC
K
Seating Plane
N2
L2
T2
T2
G7
G4
G3
2XG
6
G5xG5 Pin 1 Indicator
Bottom Port Indicator
K
KD
K E
E
D
E1
E2
M
8178743_E
//
Table 10.
RHLGA 3 mm x 4 mm x 1 mm 4-lead package dimensions
Symbol
mm
Min
Typ
Max
A1
0.900
1.000
1.100
D1
3.900
4.000
4.100
D2
0.950
1.000
1.050
R1
0.350
0.400
0.450
E1
2.900
3.000
3.100
E2
1.450
1.500
1.550
L1
0.650
0.700
0.750
L2
0.850
0.900
0.950
N1
1.000
1.050
1.100
N2
0.400
0.450
0.500
T1
0.350
0.400
0.450
T2
0.550
0.600
0.650
G1
3.050
3.100
3.150
G2
3.750
3.800
3.850
G3
2.050
2.100
2.150
G4
2.750
2.800
2.850
G5
0.250
0.300
0.350
G6
0.050
0.100
0.150
G7
0.500
0.550
0.600
G8
0.800
0.850
0.900
M0.100
K0.050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com