Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDVDP Datasheet(PDF) 2 Page - Emerson Network Power

Part # HDVDP
Description  Trompeter Patch-Jack Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HDVDP Datasheet(HTML) 2 Page - Emerson Network Power

  HDVDP Datasheet HTML 1Page - Emerson Network Power HDVDP Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connectivity for
Business Critical Continuity
Parameter
HD (SMPTE 292)
SD (SMPTE 259)
Comments
Connection Medium
Coaxial Cable
Coaxial Cable
75 ohm, low loss, double shielded
Connector Type
BNC
BNC
75 ohm version
Cable Length
80 meters
300 meters
Depending on cable type
Bit Rate
1.485 Gbps
270 Mbps
145.5 MHz word clock x 10
27 MHz work clock x 10
Return Loss
-15dB or better @ 5MHz to 1.485 GHz
-15dB or better @ 5MHz to 1.485 GHz
Nominal into 75 ohm termination
Voltage Levels
800 mV P-P +/- 10%
800 mV P-P +/- 10%
Nominal into 75 ohm termination
Jitter
<0.2 UI or <134.68 pS
<0.2 UI or <134.68 pS
HD UI = 673.4 pS
SD UI = 3.7 nS
DC Offset
0.0 V +/- 0.5 V
0.0 V +/- 0.5 V
Nominal at mid-amplitude
Rise/Fall Times
<270 pS, <100pS diff.
<270 pS, <100pS diff.
20% - 80%
HDVDP/HDVDPM Performance vs. SMPTE 292 Requirements
Parameter
SMPTE 292 M
HDVDPMT (mini)
HDVDPT (full size)
Return Loss (S1,1)
-15 dB or better @ 5 MHz to 1.485 GHz
S1, 1 <-26 dB
S1, 1 <-26 dB
Voltage Levels
800 mV P-P +/- 10%
760 mV
760 mV
Jitter
<0.2 UI or <134.68 pS @ 1.485 Gbps
.082 UI or 55 pS
.082 UI or 55 pS
Rise/Fall Times
<270 pS, ∆RFT <100 pS @ 1.485 Gbps
RT = 220 pS
FT = 200 pS
∆RFT = 30 pS
RT = 220 pS
FT = 200 pS
∆RFT = 30 pS
EmersonNetwork Power Connectivity Solutions
299 Johnson Avenue SW
Ste 100
Waseca,MN 56093 USA
507.833.8822 or 800.247.8256
www.EmersonConnectivity.com
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2011 Emerson Electric Co.
TR.1052.08
SMPTE Requirements
Typical Time-Domain Eye Pattern
Full Size and Mini Patch-Jacks
(Jitter and Rise time measures shown in table)
Part Number
Description
HDVDPT
Full-size WECo format, terminated
HDVDP
Full-size WECo format, non terminated
HDVDPMT
mini WECo format, terminated
HDVDPM
mini WECo format, non-terminated
HDVDPN
Fill-size WECo format, non terminated
HDVDPMN
mini WECo format, non-terminated



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com