Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH03050Y Datasheet(PDF) 2 Page - Emerson Network Power

Part # PTH03050Y
Description  PTHxx050Y 3.3/5/12 Vin
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH03050Y Datasheet(HTML) 2 Page - Emerson Network Power

  PTH03050Y_09 Datasheet HTML 1Page - Emerson Network Power PTH03050Y_09 Datasheet HTML 2Page - Emerson Network Power PTH03050Y_09 Datasheet HTML 3Page - Emerson Network Power PTH03050Y_09 Datasheet HTML 4Page - Emerson Network Power PTH03050Y_09 Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev.3.23.09_137
PTHxx050YSeries
2of5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
SpecificationsContinued
Output
Outputcurrent:
(overV
VREFrange)
Allmodels
Continuous(SeeNote1,page3)
Repetitivepulse(SeeNote2,page3)
±6A
±8A
TrackingrangeforVREF:
0.55-1.8V
Trackingtoleranceto VREF(VTT-VREF):
(overline,load&temperature)
-10mVto+10mV
Rippleandnoise:
20MHzbandwidth
20mVpk-pk
Loadtransientresponse:
(SeeNote5,page3)
80µs settling time
µssettlingtime
Overshoot/undershoot25mVtyp.
Outputcapacitance:
Non-ceramicvalues
(SeeNotes5&6,page3)
PTH03050Y
PTH05050Y
PTH12050Y
470µF typ., 3,300 µF max.
µFtyp.,3,300µFmax.
470µF typ., 3,300 µF max.
µFtyp.,3,300µFmax.
940µF typ., 3,300 µF max.
µFtyp.,3,300µFmax.
Ceramicvalues
(SeeNote5,page3)
PTH03050Y
PTH05050Y
PTH12050Y
200µF typ., 300 µF max.
µFtyp.,300µFmax.
200µF typ., 300 µF max.
µFtyp.,300µFmax.
400µF typ., 600 µF max.
µFtyp.,600µFmax.
(SeeNote7,page3)
ESR (non-ceramic)
4mΩmin.
GeneralSpecifications
Efficiency:
lo=4A
PTH03050Y
PTH05050Y
PTH12050Y
88%typ.
87%typ.
84%typ.
Insulationvoltage:
Non-isolated
Switchingfrequency:
PTH03050Y
PTH05050Y
PTH12050Y
550-650kHz
550-650kHz
200-300kHz
Approvalsandstandards:
EN60950
UL/cUL60950
Materialflammability:
UL94V-0
Dimensions:
(LxWxH)
22.10x12.57x8.50mm
0.870x0.495x0.335in
Weight:
2.9g(0.10oz)
MTBF:
TelcordiaSR-332
6,000,000hours
EnvironmentalSpecifications
ThermalPerformance:
(SeeNote2,page3)
Operatingambient,temperature
Non-operating
-40 °Cto+85°C
-40 °Cto+125°C
MSL(‘Z’suffixonly):
JEDECJ-STD-020C
Level3
Protection
Overcurrentthreshold(autoreset):
Allmodels
12Atyp.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com