Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMSA180100 Datasheet(PDF) 3 Page - CUI INC

Part # EMSA180100
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EMSA180100 Datasheet(HTML) 3 Page - CUI INC

  EMSA180100 Datasheet HTML 1Page - CUI INC EMSA180100 Datasheet HTML 2Page - CUI INC EMSA180100 Datasheet HTML 3Page - CUI INC EMSA180100 Datasheet HTML 4Page - CUI INC EMSA180100 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
09/07/2011 │ page 3 of 5
CUI Inc
│ SERIES: EMSA 18W │ DESCRIPTION: AC-DC POWER SUPPLY
DC CORD
80±10
48B
26±3
2.8~4.0mm
100±20
100±20
Black wire, white stripe: Positive
Cord Length
S&T
5ØX6mm
Model no.
Cable Gauge
Cord Length
EMSA050300
18 AWG
1530 ± 100
EMSA060300
18 AWG
1530 ± 100
EMSA090200
20 AWG
1530 ± 100
EMSA120150
20 AWG
1530 ± 100
EMSA150120
20 AWG
1530 ± 100
EMSA180100
22 AWG
1830 ± 100
EMSA200090
22 AWG
1530 ± 100
EMSA240075
22 AWG
1830 ± 100
MECHANICAL DRAWING
input plug
multi-blade
(US, UK, Europe, Australia, China)
35.3±1.0
74±1.0
43.5±1.0
EMS-EU
EMS-UK
EMS-AU
EMS-US
EMS-CC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com