Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC100 Datasheet(PDF) 2 Page - Espros Photonics corp

Part # EPC100
Description  Light-Curtain Device with 2-Wire Bus Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC100 Datasheet(HTML) 2 Page - Espros Photonics corp

  EPC100 Datasheet HTML 1Page - Espros Photonics corp EPC100 Datasheet HTML 2Page - Espros Photonics corp EPC100 Datasheet HTML 3Page - Espros Photonics corp EPC100 Datasheet HTML 4Page - Espros Photonics corp EPC100 Datasheet HTML 5Page - Espros Photonics corp EPC100 Datasheet HTML 6Page - Espros Photonics corp EPC100 Datasheet HTML 7Page - Espros Photonics corp EPC100 Datasheet HTML 8Page - Espros Photonics corp EPC100 Datasheet HTML 9Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
epc100
Absolute Maximum Ratings (Notes 1, 2)
Recommended Operating Conditions
Voltage to any pin except VDD
Supply Voltage on 2-wire bus VDD
Programming Voltage on 2-wire bus VDD
Power Supply Voltage VDD33
Input current at any pin except LED
Power consumption with maximum load
Storage Temperature Range (TS)
Lead Temperature solder, 4 sec. (TL)
-0.3V to VDD+0.3 V
-0.3V to +8.0V
-0.3V to +8.0V
-0.3V to +5.5V
-6mA to +6 mA
125mW
-55°C to +155°C
+260°C
Operating Voltage on 2-wire bus VDD
Programming Voltage on VDD
Operating Supply Voltage VDD33
Operating Temperature (TO)
Relative Humidity (non-condensing)
Min.
4.5
7.0
3.0
-40°
+5
Max.
5.5
8.0
3.6
+85
+95
Units
V
V
V
°C
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended operating conditions indic-
ate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifica -
tions and test conditions, see Electrical Characteristics.
Note 2: This device is a highly sensitive CMOS ac current amplifier with an ESD rating of JEDEC HBM class 0 (<250V). Handling and as -
sembly of this device should only be done at ESD protected workstations.
Electrical Characteristics
VDD = 5.0 V, -40°C < TA < +85°C, if not otherwise specified
Symbol
Parameter
Conditions/Comments
Values
Units
Min.
Typ.
Max.
VPP
Ripple on supply voltage, peak to peak
2-wire interface Vdet
Input pulse IPD NST
---
36nA
70
mV
50mV
48nA
150
mV
100mV
72nA
350
mV
200mV
108nA
600
mV
IDD_IDLE Current consumption
in idle mode
1.4
mA
IDD_OP Current consumption
in operation mode IPD = 0 mA
2.0
mA
Vdet
Detection level for 2-wire interface
50
200
mV
IMOD
Modulation current for 2-wire interface
6.4
8.0
9.8
mA
IPDDC
DC Photo Diode Current
generated by ambient light
2
mA
IPD NST Input Pulse Threshold (Photo Current
Sensitivity)
Photodiode current pulse to generate an output signal
(only OUT=1), configurable (refer to the Reference
Manual epc10x)
24
108
nA
IPD RST Input Pulse Threshold (Photo Current
Sensitivity)
Photodiode current pulse to generate an output signal
(OUT=1 & OUTH=1)
90
nA
IPulse
Maximum Input Pulse Current
If the input current is above this level, the T Relax is un-
defined (refer to section 'Other Parameters')
100
µA
TPulse
LED pulse length
1
10
µs
TRelax
Relaxation time
After a strong current pulse (Ipulse = 100µA)
50
µs
IN_Imin
Input related noise
@ IPDDC =0
7
15
nARMS
IN_Imax Input related noise
@ IPDDC =IPDDC Max
20
nARMS
fclk
Reference clock
Internal oscillator
32
MHz
dfclk
Temperature drift of the oscillator
7
%
VPUP
Power-up Threshold Voltage
The voltage at VDD33 when the device starts up
2.4
3
V
VIH
High level input voltage
0.7 *VDD
VDD
V
VIL
Low level input voltage
GND
0.3 *VDD
V
ILEAKD Input leakage current
10
µA
VOH
Output high voltage
@ 4mA sink except pin SCK/LED
VDD- 0.5
V
VOL
Output low voltage
@ 4mA source
0.5
V
ISCK/LED Source current
@ PIN SCK / LED
0.7
1.3
mA
VHist
Schmitt Trigger Hysteresis
0.1
V
RPU
Pull-Up Resistor
30
200
kΩ
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
2
Datasheet epc100 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com