Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC300 Datasheet(PDF) 3 Page - Espros Photonics corp

Part # EPC300
Description  High sensitive photodiodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC300 Datasheet(HTML) 3 Page - Espros Photonics corp

  EPC300 Datasheet HTML 1Page - Espros Photonics corp EPC300 Datasheet HTML 2Page - Espros Photonics corp EPC300 Datasheet HTML 3Page - Espros Photonics corp EPC300 Datasheet HTML 4Page - Espros Photonics corp EPC300 Datasheet HTML 5Page - Espros Photonics corp EPC300 Datasheet HTML 6Page - Espros Photonics corp EPC300 Datasheet HTML 7Page - Espros Photonics corp EPC300 Datasheet HTML 8Page - Espros Photonics corp EPC300 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
epc3xx
Symbol
Parameter
Conditions/Comments
Values
Units
Min.
Typ.
Max.
tr
Rise/Fall Time
all types
photo current measured at
RL = 50 Ω , λ = 850 nm, IP = 200 μA
ns
VR = +1.5 V
300
VR = +5.0 V
150
VR = +10.0 V
90
CO
Capacitance
per diode VR = +5V, ƒ = 100kHz, E = 0
5
pF
epc300
10
epc310
20
epc320
40
epc330
80
NEP
Noise Equivalent Power per diode VR = 5 V
4.2x10-15
W/√Hz
epc300
6.0x10-15
epc310
8.4x10-15
epc320
1.2x10-14
epc330
1.7x10-14
CT
Cross Talk Suppression
epc320
epc330
between individual photo diodes on the same chip,
if the voltage difference Vdiff is <100mV between
individual diodes (cathodes)
50
dB
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
3
Datasheet epc3xx - V2.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com