Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC310 Datasheet(PDF) 9 Page - Espros Photonics corp

Part # EPC310
Description  High sensitive photodiodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC310 Datasheet(HTML) 9 Page - Espros Photonics corp

Back Button EPC310 Datasheet HTML 2Page - Espros Photonics corp EPC310 Datasheet HTML 3Page - Espros Photonics corp EPC310 Datasheet HTML 4Page - Espros Photonics corp EPC310 Datasheet HTML 5Page - Espros Photonics corp EPC310 Datasheet HTML 6Page - Espros Photonics corp EPC310 Datasheet HTML 7Page - Espros Photonics corp EPC310 Datasheet HTML 8Page - Espros Photonics corp EPC310 Datasheet HTML 9Page - Espros Photonics corp EPC310 Datasheet HTML 10Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
epc3xx
Packaging Information
(all measures in mm)
CSP4 Tape
CSP8 Tape
Pin 1
4
Pin 1
4
CSP16 Tape
CSP32 Tape
Pin 1
4
Pin 1
4
Tape & Reel Information
The devices are mounted on embossed tape for automatic placement systems. The tape is wound on 178 mm (7 inch) or 330 mm (13 inch)
reels and individually packaged for shipment. General tape-and-reel specification data are available in a separate data sheet and indicate the
tape sizes for various package types. Further tape-and-reel specifications can be found in the Electronic Industries Association (EIA) standard
481-1, 481-2, 481-3.
epc does not guarantee non-empty cavities. Thus, pick-and-place machines should check the presence of a chip during picking.
It is highly recommended to use underfill after assembly of the chips to the PCB.
Ordering Information
Part Name
Package
RoHS compliance
Packaging Method
epc300-CSP4
CSP4
Yes
Reel
epc310-CSP8
CSP8
Yes
Reel
epc320-CSP16
CSP16
Yes
Reel
epc330-CSP32
CSP32
Yes
Reel
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
9
Datasheet epc3xx - V2.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com