Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC702 Datasheet(PDF) 6 Page - Espros Photonics corp

Part # EPC702
Description  24V/50mA General-Purpose Output-Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC702 Datasheet(HTML) 6 Page - Espros Photonics corp

Back Button EPC702 Datasheet HTML 2Page - Espros Photonics corp EPC702 Datasheet HTML 3Page - Espros Photonics corp EPC702 Datasheet HTML 4Page - Espros Photonics corp EPC702 Datasheet HTML 5Page - Espros Photonics corp EPC702 Datasheet HTML 6Page - Espros Photonics corp EPC702 Datasheet HTML 7Page - Espros Photonics corp EPC702 Datasheet HTML 8Page - Espros Photonics corp EPC702 Datasheet HTML 9Page - Espros Photonics corp EPC702 Datasheet HTML 10Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
epc700/epc702
Application Information
epc700 and epc702 have two modes of operation, where the SENS pin is used to define the mode. When SENS is tied to VDD, the chip
operates as a sink driver capable to sink max. 50mA at 30VDC (refer to Figure 6). The load is connected directly between V L and the OUT pin.
If the current through the internal switch exceeds I SENS, the switch is turned off.
If the SENS pin is at low level, the OUT pin is driven by a source driver also capable to drive 50mA into an external power transistor. This
mode is used if the required output current has to be higher than 50mA, e.g. 1A and the output voltage exceeds 30VDC (refer to Figure 7).
The load current is measured by monitoring the voltage drop over a resistor. If the internal switch is used, also the current measurement
resistor is located internally (Figure 6). In the case of using an external power transistor as shown in Figure 7, the current measurement
resistor RS has to be placed externally. If the voltage drop at RS exceeds the threshold of 200 mV, the output stage is deactivated. The timing
diagrams of the signals can be found in section “Functional Description”.
The IN signal must be low during power-up (tSTARTUP) for proper function of the chip. The epc70x has a built in pull down resistor, so not
external active driving is needed during startup.
epc700 or epc702 Using the Internal Switch
Figure 6 shows the epc700/702 in the mode using the internal switch. To enable this
mode, the SENS pin has to be connected to VDD. Note that the VDD of the chip and
VL at the load can have a different value. The values for both VDD and VL need to be
between 9.6 and 30V.
The factor frt between minimum off-time and delay-time must be maintained in order
not to damage the chip due to overheating. This factor has to be higher than 1,000. In
the worst case scenario a peak current of approx. 0.5A is flowing from VL at 30V into
the chip with a tDel set at 50μs if a short-circuit occurs. If the recovery time tminoff in this
case is smaller then 50ms, the average power dissipation would exceed the safe
operation condition and the device will get damaged.
The diode D1 is to protect the internal switch against voltage surges when inductive
loads are turned off.
R1 is to protect the internal switch in case of a short circuit on the load when a very
low impedance power supply is used.
The voltage VL can be higher than VDD in this configuration. However, it must not be
above the maximum value of 'Supply Voltage' stated in the table Electrical Characte-
ristics.
epc700 or epc702 Using an External Switching Transistor
Figure 7 shows the operation mode using an external switch T1 in order to extend the
output current/voltage drive capability. In this example, a bipolar transistor is used,
whereas the base current is limited by the resistor RB. The maximum base current is
50mA. In order not to damage the chip, the user has to select the resistor RB such that
chip does not need to drive more than 50mA. Other possible switches are a NPN BJT
or an n-channel MOSFET.
The load is turned on and off by setting the pin IN to high respectively to low level.
When the load is turned on, the load current flows from VL through the resistor RS and
through the transistor T1 to GND. This current creates a voltage drop over RS. The
resulting voltage is applied to pin SENS, which measures the voltage drop. If it
exceeds the threshold of an internal comparator, set to 200mV, the output is turned off
after the given delay time tdel.
If the delay time should be extended to a value above the possible settings of tdel (refer
to Table 3), an RC network can added, designated as RT and CT in Figure 7. The
additional time delay text can be calculated approx. as RT x CT. However, the time
varies according to the current through RS. This design concept is especially useful,
when a large capacitor in the load path needs to be charged. The additional delay in
the over-current detection helps in such a situation.
Note that the VDD of the chip and VL on the load are different in most of the applica-
tions. The value of VDD must be between 9.6 and 30V. VL instead, can be on a level
which is appropriate to the external switching transistor.
The diode D1 is to protect the transistor T1 against voltage surges when inductive loads are turned off.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
6
Datasheet epc700_702 - V2.2
www.espros.ch
Dieter Kägi
25.05.2011
Page 1
File: Unbenannt
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
GND
GND
VDD
IN
STATUS
epc700
epc702
SENSE
OUT
VDD
D
L
R
L
R1≥50Ω
C
T
GND
VDD
IN
STATUS
epc700
epc702
SENSE
OUT
GND
R
T
R
SENSE
T1
R1
V
L
VDD
D
L
R
L
V
L
≤VDD max
Figure 6: epc700 or epc702 using the internal switch
to drive a load of up to 50mA /30VDC
Dieter Kägi
25.05.2011
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
GND
GND
VDD
IN
STATUS
epc700
epc702
SENSE
OUT
VDD
D
L
R
L
R1≥50Ω
C
T
GND
VDD
IN
STATUS
epc700
epc702
SENSE
OUT
GND
R
T
R
SENSE
T1
R1
V
L
VDD
D
L
R
L
V
L
≤VDD max
Figure 7: epc700 or epc702 operation mode
using an external switching transistor.
In case of a short-circuit in the load the turn-off delay
can be extended by an external RC network.
This network adds text to the internal delay tdel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com