Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC136-QFN16 Datasheet(PDF) 2 Page - Espros Photonics corp

Part # EPC136-QFN16
Description  Photo-receiver Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC136-QFN16 Datasheet(HTML) 2 Page - Espros Photonics corp

  EPC136-QFN16 Datasheet HTML 1Page - Espros Photonics corp EPC136-QFN16 Datasheet HTML 2Page - Espros Photonics corp EPC136-QFN16 Datasheet HTML 3Page - Espros Photonics corp EPC136-QFN16 Datasheet HTML 4Page - Espros Photonics corp EPC136-QFN16 Datasheet HTML 5Page - Espros Photonics corp EPC136-QFN16 Datasheet HTML 6Page - Espros Photonics corp EPC136-QFN16 Datasheet HTML 7Page - Espros Photonics corp EPC136-QFN16 Datasheet HTML 8Page - Espros Photonics corp EPC136-QFN16 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
He
epc134/epc135/epc136/epc137/epc138/epc139
Absolute Maximum Ratings (Notes 1, 2)
Recommended Operating Conditions
Power Supply Voltage VDD
Voltage to Any pin
Maximum Power Dissipation
Storage Temperature Range (TS)
Lead Temperature solder, 4 sec. (TL)
-5.5V to +5.5V
-0.3 to VDD +0.3V
300mW
-40°C to +85°C
+260°C
Power Supply Voltage (VDD)
Operating Temperature (TA)
Humidity
Min.
4.0
-40°
+5
Max.
5.2
+85°
+95
Units
V
C
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended operating conditions indic-
ate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifica-
tions and test conditions, see Electrical Characteristics.
Note 2: This device is a highly sensitive CMOS ac current amplifier with an ESD rating of JEDEC HBM class 0 (<250V). Handling and as -
sembly of this device should only be done at ESD protected workstations.
Electrical Characteristics
VDD = 5.0 V, -40°C < TA < +85°C
Symbol
Parameter
Conditions/Comments
Values
Units
Min.
Typ.
Max.
VPP
Ripple on Supply Voltage
epc135
epc138
Sinusoidal 100kHz, refer to other parameters
40
mVpp
epc137
22
epc136
epc139
Sinusoidal 800kHz, refer to other parameters
110
epc134
45
IDD
Power Supply Current
All slow no photo diode current
0.45
0.50
mA
All fast
0.75
0.80
VPD
Reversed Photodiode Voltage
relative to VDD
VDD-
1.55
V
IPD
Input Pulse Threshold
(Sensitivity)
epc137 Photodiode current pulse to generate an output pulse
40
nA
epc135
epc138
60
80
100
nA
epc134
200
400
600
nA
epc136
epc139
600
800
1000
nA
IPDres
Input Pulse Threshold Re-
serve
epc134 -
epc137
Input pulse current relative to IPD to trigger the light re-
serve output
150
%
IPDmax
Input Pulse Current
If input current is above this level, recovery time t REC is
undefined (refer to section 'Other Parameters')
100
μA
IPDDC
DC Light Current Range
refer to section 'Application Information, Ambient Light'
0.0
3.0
mA
CPD
Photodiode Capacitance
epc135
epc137
epc138
refer to section 'Application Information, Photodiode
Capacitance'
15
50
pF
epc134
epc136
epc139
30
40
IOUT
Output Current (sink)
When a light pulse above the threshold is detected
-6.0
-8.0
-10.0
mA
VPOR
Power-up Threshold Voltage
The voltage at VDD when the device starts up and the
startup time is running.
3.0
3.5
4.0
V
VIPOR
Hysteresis
on Power-up Threshold Voltage
0.5
0.75
1.0
V
tINIT
Power-up Startup Time
VDD slew rate >100V/ms
1.5
ms
tOFF
Power-down Time
1.5
ms
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
2
Datasheet epc13x digital - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com